M2AS1-5131-R2
AI

The **M2AS1-5131-R2** is a specialized electronic component, typically identified as an **SFP (Small Form-factor Pluggable) Stacked Connector**. These are critical mechanical and electrical interfaces used in high-speed networking equipment like switches, routers, and servers.
---
### 1. Key Technical Specifications
Below is a breakdown of the typical characteristics found in this series of connectors:
| Feature | Specification |
| :--- | :--- |
| **Component Type** | SFP (Small Form-factor Pluggable) Cage & Connector |
| **Configuration** | 2-by-1 (Stacked) |
| **Port Count** | 2 Ports |
| **Termination Style** | Press-Fit (Compliant Pin) |
| **EMI Shielding** | Integrated Metal Cage with EMI Springs |
| **Data Rate Support** | Optimized for 1Gbps to 10Gbps (SFP+) |
---
### 2. Electronic & Mechanical Design
The part consists of two primary electronic elements integrated into one unit:
#### A. The Connector Interface
Inside the metal cage, there are two 20-pin electrical connectors stacked vertically. These pins are designed to mate with the PCB of an SFP transceiver module. The **Press-Fit** technology allows the part to be mounted to a motherboard without soldering, relying on mechanical friction and gas-tight connections.
#### B. The EMI Cage
The "R2" designation often refers to a specific revision or plating style. The outer metal shell acts as a **Faraday Cage**, preventing electromagnetic interference (EMI) from leaking out of the high-speed data ports and protecting the internal signals from external noise.
#### C. Light Pipes (Optional)
Many versions of the M2AS series include integrated **Light Pipes**. These are clear plastic components that channel light from surface-mount LEDs on the motherboard to the front faceplate to provide status indicators (Link/Activity) for each port.
---
### 3. Application Use Cases
* **Networking Hubs:** Providing physical interfaces for fiber optic or copper SFP modules.
* **Storage Area Networks (SAN):** Used in high-speed data storage controllers.
* **Industrial Computing:** Implementing high-speed Ethernet uplinks in ruggedized environments.
---
- ⤷What are the specific soldering requirements for the R2 revision?
- ⤷ Does this connector support SFP28 or QSFP speeds?
- ⤷ What is the recommended PCB footprint layout for this part?