công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M2AS1-5122-R2

  • AI
    The **M2AS1-5122-R2** is a specific technical part number typically associated with **M.2 Solid State Drive (SSD) adapter cards** or specialized interface modules used in industrial or server computing environments. Below is a breakdown of the electronic components and technical characteristics generally associated with this class of hardware. ### 1. Technical Specifications Overview This part acts as a bridge between an M.2 storage module and a host motherboard interface. | Feature | Specification | | :--- | :--- | | **Form Factor** | M.2 (NGFF) to PCIe or Proprietary Header | | **Protocol Support** | NVMe (PCIe Gen 3/4) and/or SATA III | | **Keying** | M-Key or B+M Key compatibility | | **Operating Voltage** | 3.3V DC (Standard for M.2) | | **Dimensions** | Standardized M.2 lengths (usually 2280 or 22110) | --- ### 2. Key Electronic Components The "R2" in the part number often signifies "Revision 2," implying an updated PCB layout or improved power delivery components. #### A. Power Management Integrated Circuits (PMIC) Since M.2 drives require a stable **3.3V** supply, these boards contain: * **Voltage Regulators/LDOs:** To step down or stabilize input power from the host bus. * **Decoupling Capacitors:** Small ceramic capacitors (MLCCs) located near the connector to filter high-frequency noise and prevent voltage drops during high-speed data bursts. #### B. Signal Integrity Components * **Coupling Capacitors:** Small surface-mount capacitors placed along the PCIe differential pairs to block DC bias while allowing high-speed AC data signals to pass. * **EEPROM (Optional):** Some versions include a small memory chip to store configuration data or ID information for the host system to recognize the adapter. #### C. Connectivity & Interface * **M.2 Slot:** A high-density 75-pin connector designed for low contact resistance. * **Gold Fingers:** The edge connector is typically plated with 30μ" gold to ensure durability over multiple insertion cycles and prevent oxidation. --- ### 3. Functional Architecture The board functions as a **Passive or Active Interconnect**: 1. **Passive Mode:** The R2 revision likely optimizes the trace routing (differential impedance matching at 85-100 ohms) to ensure PCIe Gen 4 signal integrity without needing a redriver chip. 2. **LED Circuitry:** Most R2 models include a small transistor-driven circuit to power a "Status" or "Activity" LED, which flickers based on the **DAS/PDI (Device Activity Signal)** pin from the M.2 drive. --- ### 4. Typical Applications * **Server Expansion:** Adding NVMe boot drives to legacy server motherboards. * **Industrial PCs:** Providing robust mounting for storage in high-vibration environments. * **Workstations:** Utilizing high-speed PCIe lanes for scratch disks.
    ✨ Follow-up Questions
    • ⤷ What is the specific manufacturer for the M2AS1-5122-R2?
    • ⤷ Does this part support PCIe Gen 4 or Gen 5 speeds?
    • ⤷ Are there specific thermal requirements for installing this module?