công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M2AS1-5121-R2/Q

  • AI
    Based on the part number **M2AS1-5121-R2/Q**, this component belongs to a specific category of **M.2 Solid State Drive (SSD)** modules, typically used in industrial or embedded computing environments. Below is a breakdown of the electronic specifications, architecture, and features. --- ## 1. Core Specifications The M2AS1 series generally refers to industrial-grade storage solutions. Here is the technical breakdown: | Feature | Specification | | :--- | :--- | | **Form Factor** | M.2 2280 (22mm width x 80mm length) | | **Capacity** | 512GB | | **Interface** | SATA III (6.0 Gbps) | | **Flash Type** | 3D TLC (Triple-Level Cell) | | **Operating Temp** | Standard (0°C to +70°C) or Wide Temp (-40°C to +85°C) depending on suffix | | **Connector Key** | B+M Key | --- ## 2. Electronic Architecture The internal circuitry of this part consists of several key sub-systems: ### A. Controller (The Brain) The module utilizes an integrated flash controller that manages data flow between the SATA interface and the NAND chips. It handles: * **Wear Leveling:** Distributes write/erase cycles across flash blocks to extend lifespan. * **Bad Block Management:** Identifies and maps out defective cells. * **ECC (Error Correction Code):** Usually LDPC (Low-Density Parity-Check) to ensure data integrity. ### B. NAND Flash Storage The **512** in the part number indicates a **512GB** density. This is achieved using 3D NAND technology, where memory cells are stacked vertically to increase density without increasing the physical footprint of the silicon. ### C. Power Management Circuitry The PCB includes: * **Voltage Regulators:** Converts the 3.3V input from the M.2 slot to the specific voltages required by the NAND and Controller (often 1.2V or 1.8V). * **De-coupling Capacitors:** Used to filter noise and provide stability during high-speed data bursts. --- ## 3. Advanced Features This specific series often includes enterprise-grade protection mechanisms: * **S.M.A.R.T. Monitoring:** Electronic reporting of drive health, temperature, and remaining life. * **Thermal Throttling:** Electronic sensors reduce clock speeds if the module exceeds safe operating temperatures to prevent hardware damage. * **Trim Support:** Electronic command that informs the SSD which blocks of data are no longer considered in use and can be wiped internally. --- ## 4. Part Number Decoder (Typical) While exact manufacturer prefixes vary, the code generally breaks down as follows: * **M2AS1:** Series identifier (M.2 SATA SSD). * **5121:** 512GB Capacity. * **R2:** Hardware Revision 2. * **Q:** Often denotes a specific NAND grade or a specialized firmware version (e.g., Fixed BOM for industrial consistency). ---
    ✨ Follow-up Questions
    • ⤷ What are the performance differences between SATA M.2 and NVMe M.2 drives?
    • ⤷ How does the 'B+M Key' affect compatibility with motherboard slots?
    • ⤷ What is the expected MTBF (Mean Time Between Failures) for industrial SSDs like this one?