công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M2AS1-5121-R2/N

  • AI
    The **M2AS1-5121-R2/N** is a high-performance **M.2 Solid State Drive (SSD)** manufactured by **Innodisk**. This specific model belongs to the **M2AS1** series, which is designed for industrial, embedded, and server applications where reliability and power loss protection are critical. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Form Factor** | M.2 2280 (80mm length) | | **Interface** | SATA III 6.0 Gb/s | | **Capacity** | 512 GB | | **Flash Type** | 3D TLC (Triple-Level Cell) | | **Controller** | Industrial Grade Integrated Controller | | **External DRAM** | Yes (DRAM Buffer included) | | **Operation Temp** | Standard Grade (0°C ~ +70°C) | --- ### 2. Major Electronic Subsystems The internal architecture of this part consists of several critical electronic components: #### A. The Flash Controller This is the "brain" of the SSD. It manages data placement, error correction (ECC), and wear leveling. In this model, the controller is optimized for the **SATA III** protocol, ensuring backward compatibility with older industrial boards. #### B. 3D TLC NAND Flash The storage medium consists of 3D TLC layers. Unlike consumer drives, Innodisk uses industrial-grade bins for these chips to ensure a higher **TBW (Total Bytes Written)** and better data retention under constant workloads. #### C. DRAM Cache The "5121" in the part number indicates the integration of a dedicated DDR cache chip. This chip stores the **L2P (Logical-to-Physical) mapping tables**, significantly increasing random read/write speeds compared to DRAM-less SSDs. #### D. iPower Guard & iData Guard The circuitry includes specialized capacitors and voltage monitoring sensors to protect against: * **Inrush Current:** Preventing damage during hot-plugging. * **Power Volatility:** Ensuring that "data in flight" is not corrupted if the system loses power suddenly. --- ### 3. Part Number Breakdown (Typical) | Segment | Meaning | | :--- | :--- | | **M2AS1** | M.2 SATA III 2280 Series | | **512** | 512 GB Capacity | | **1** | Indicates specific hardware revision or DRAM configuration | | **R2** | Generation/Revision 2 (Updated firmware/components) | | **N** | Specific sorting/packaging or firmware variant | --- ### 4. Application Areas Due to its robust design, this part is commonly found in: 1. **Industrial PCs (IPC):** For OS booting and logging. 2. **Automation:** CNC machines and PLC controllers. 3. **Medical Equipment:** Reliable storage for imaging and patient data. 4. **Edge Computing:** High-speed data caching.
    ✨ Follow-up Questions
    • ⤷ What is the endurance rating (TBW) for the M2AS1 series?
    • ⤷ Does this model support AES 256-bit hardware encryption?
    • ⤷ Is there a wide-temperature version of this specific SSD?