AI

The **M2AS1-5121-R/CE** is a specialized electronic component, specifically a **Micro-Sized Latching Solenoid Valve**. These valves are commonly used in medical devices, portable analytical instruments, and gas handling systems where power efficiency and compact size are critical.
---
### 1. Technical Specifications
The part number indicates specific physical and electrical characteristics. Below is a breakdown of the typical specifications for this series:
| Parameter | Specification |
| :--- | :--- |
| **Type** | 2-Way Latching Solenoid Valve |
| **Operating Voltage** | 5V DC (Typically) |
| **Power Consumption** | Low (Pulse-driven) |
| **Media** | Air, Inert Gases, or Non-corrosive liquids |
| **Pressure Range** | 0 to 100 psi (varies by model) |
| **Connection Style** | Manifold mount or Barb fittings |
| **Construction** | Stainless steel/PEEK/FKM (Body/Seal materials) |
---
### 2. Key Electronic Features
#### A. Latching Mechanism
Unlike standard solenoids that require constant current to remain open, the "Latching" design uses internal permanent magnets.
* **To Open:** A short electrical pulse (approx. 10-50ms) moves the plunger.
* **To Hold:** Permanent magnets hold the plunger in place without consuming power.
* **To Close:** A reverse-polarity pulse is applied to cancel the magnetic field and return the plunger.
#### B. Power Efficiency
Because power is only consumed during the transition state (the pulse), this component is ideal for **battery-operated devices**. It minimizes heat generation, which is crucial when handling temperature-sensitive fluids or working in enclosed spaces.
#### C. Control Requirements
To operate this part, you cannot simply use a switch. It requires an **H-Bridge circuit** (similar to those used in DC motors) to facilitate the polarity reversal needed to switch the latching state.
---
### 3. Applications
* **Handheld Medical Devices:** Portable oxygen concentrators or blood pressure monitors.
* **Environmental Sensors:** Remote air sampling equipment.
* **Inkjet Printing:** Controlling flow in precise dosing systems.
* **Pneumatic Control:** Small-scale automation where energy saving is a priority.
---
### 4. Implementation Example
To control this valve using a microcontroller (like an Arduino), you would use the following logic:
```cpp
// Logic for a Latching Solenoid (using an H-Bridge)
void openValve() {
digitalWrite(IN1, HIGH); // Pulse Polarity A
digitalWrite(IN2, LOW);
delay(30); // Short 30ms pulse
digitalWrite(IN1, LOW); // Power OFF - stays open via magnet
}
void closeValve() {
digitalWrite(IN1, LOW); // Pulse Polarity B (Reversed)
digitalWrite(IN2, HIGH);
delay(30); // Short 30ms pulse
digitalWrite(IN2, LOW); // Power OFF - stays closed
}
```
- ⤷
What are the specific pinout configurations for the M2AS1 series?
- ⤷ How does the 'CE' suffix affect the regulatory compliance of this part?
- ⤷ What is the maximum pulse duration recommended to avoid overheating the coil?