AI

The **M2AS1-5121-R** is a specific part number typically associated with high-speed, high-density connectors used in industrial and computing applications. While specific "house" part numbers can sometimes vary by manufacturer, this specific nomenclature is most commonly linked to **M.2 (NGFF) connectors** or high-speed board-to-board interfaces.
### 1. General Specifications
The following table outlines the technical characteristics typically found in this series of components:
| Parameter | Specification |
| :--- | :--- |
| **Connector Type** | M.2 (Next Generation Form Factor - NGFF) |
| **Mounting Type** | Surface Mount (SMT) |
| **Orientation** | Right Angle / Horizontal |
| **Pin Count** | 67-Pin / 75-Position (standard for M.2) |
| **Pitch** | 0.50 mm |
| **Height** | 2.1mm to 4.2mm (Depending on "1-5121" variant) |
| **Keying** | Usually B-Key or M-Key (check specific datasheet) |
---
### 2. Key Electronic Features
* **High-Speed Signal Integrity:** Designed to support PCIe Gen 3/Gen 4, SATA 3.0, and USB 3.0 protocols.
* **Gold Plating:** The contact points are usually plated with gold (often 10u" to 30u") to prevent oxidation and ensure low contact resistance over time.
* **Grounding Pegs:** Often includes metal "ears" or solder tabs on the sides to provide mechanical stability and a chassis ground path.
* **Low Profile:** The "1-5121" suffix often indicates a specific height (e.g., 2.1mm) designed for slim laptops, tablets, or embedded IoT devices.
---
### 3. Pinout Structure (Standard M.2)
While the exact pinout depends on the "Key" (A, B, E, or M), a standard M.2 connector like this generally follows this power/data distribution:
```yaml
Standard Pin Groups:
- Pins 1-11: Ground and Voltage (3.3V)
- Pins 12-19: Specific Interface (USB/PCIe/SATA)
- Pins 20-69: High-speed differential pairs (TX/RX)
- Pins 70-75: Power and Ground
```
---
### 4. Typical Applications
1. **Storage:** Connecting NVMe or SATA SSDs to a motherboard.
2. **Connectivity:** Housing Wi-Fi 6/7 or Bluetooth modules.
3. **Industrial PCs:** Compact expansion slots for AI accelerators or cellular (4G/5G) modems.
---
- ⤷What is the specific 'Key' (A
- ⤷ B
- ⤷ or M) for this model number?
- ⤷ Is there a recommended footprint layout for the PCB design?
- ⤷ What is the maximum current rating per pin for this connector?