M2AS1-5111-R/N
AI

The **M2AS1-5111-R/N** is a specialized electronic component primarily used in industrial and automation applications. Based on standard part numbering conventions for this series, it is a **Solid State Relay (SSR)** or a specialized **Magnetic Switch/Sensor module**.
Below is a breakdown of its technical specifications and electronic characteristics.
---
### 1. Key Technical Specifications
| Feature | Description |
| :--- | :--- |
| **Component Type** | Magnetic Sensor / Solid State Switch |
| **Input Voltage** | Typically 5V to 24V DC (Model dependent) |
| **Switching Speed** | High-frequency response (Microseconds) |
| **Output Type** | NPN or PNP (Open Collector) |
| **Housing Material** | Robust Polymer / Industrial Grade Resin |
| **Mounting Type** | Surface mount or bracket-integrated |
---
### 2. Internal Electronic Components
To understand how this part functions, it is helpful to look at its internal architecture:
1. **Hall Effect Element / Reed Element:** The core sensing component that detects magnetic fields or proximity.
2. **Signal Conditioning Circuitry:** Operational amplifiers (Op-Amps) or comparators that clean the signal to prevent "chatter" or false triggering.
3. **Output Transistor:** Usually a Bipolar Junction Transistor (BJT) or MOSFET that acts as the switch for the external load.
4. **Protection Diodes:** Integrated Flyback/Freewheeling diodes to protect the internal circuitry from inductive spikes when switching motors or solenoids.
---
### 3. Pinout and Connection Logic
While specific wiring depends on the manufacturer (often associated with brands like SMC or Omron in industrial contexts), the standard 3-wire configuration is usually:
* **Brown:** Positive Supply (VCC)
* **Blue:** Negative Supply (GND)
* **Black:** Output Signal (Load)
---
### 4. Applications
* **Pneumatic Cylinder Sensing:** Detecting the position of a piston within a cylinder.
* **Safety Interlocks:** Ensuring doors or guards are closed before a machine operates.
* **Pulse Counting:** Measuring RPM or cycle counts in high-speed machinery.
---
- ⤷
What is the maximum switching current for the M2AS1-5111-R/N?
- ⤷ Is this component compatible with PLC logic inputs (NPN/PNP)?
- ⤷ How does the 'R/N' suffix affect the electrical output characteristics?