công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M2AS1-4411-R2

  • AI
    The **M2AS1-4411-R2** is a specific model within the series of industrial-grade **M.2 to SATA adapters/converters** or **M.2 SSD interface modules**, typically manufactured by companies like Innodisk or similar industrial hardware providers. Below is a detailed breakdown of its electronic parts and functional architecture. --- ### 1. Technical Specifications Overview This part acts as a bridge between the M.2 (NGFF) form factor and standard storage interfaces. | Feature | Specification | | :--- | :--- | | **Form Factor** | M.2 to SATA (Standard 7-pin + 15-pin) | | **Input Interface** | M.2 Key B+M | | **Output Interface** | SATA III 6.0 Gb/s | | **Operating Voltage** | 3.3V (from M.2 slot) / 5V (Optional via Header) | | **Dimensions** | Standard 2242 or 2280 PCB layout | --- ### 2. Key Electronic Components #### A. The Bridge Controller (IC) The heart of the module is an **Asynchronous Bridge Controller**. * **Function:** It translates the PCIe or SATA signals from the M.2 pins into the protocol used by the destination drive. * **Protocol:** Most "R2" (Revision 2) versions of these boards utilize a pass-through design for SATA-signal M.2 slots, meaning the IC primarily handles signal integrity and voltage regulation rather than complex protocol translation. #### B. Power Management Circuitry Since M.2 slots typically provide **3.3V** and standard SATA drives often require **5V**, the board contains: * **DC-DC Step-Up Converter:** To boost the 3.3V rail to 5V if the connected drive requires it. * **LDO Regulators:** To provide stable, low-noise current to the onboard controller. * **Smoothing Capacitors:** Tantalum or Ceramic capacitors are placed near the power pins to prevent voltage ripples. #### C. Connectivity & Physical Layout 1. **M.2 Gold Fingers:** The 75-pin connector that plugs into the motherboard. 2. **SATA 7+15 Pin Connector:** The physical interface for the hard drive or SSD. 3. **LED Indicators:** Most models include a "D1" or "D2" LED to indicate **Power (Green)** and **Activity (Amber/Red)**. --- ### 3. Pinout and Signal Integrity The "R2" revision specifically focuses on **Signal Integrity (SI)**. * **Differential Pair Routing:** The SATA data lines are routed as differential pairs with matched impedance (usually 100 ohms) to prevent data corruption at 6Gb/s speeds. * **ESD Protection:** TVS (Transient Voltage Suppressor) diodes are often included near the SATA port to protect the delicate controller IC from static discharge during cable insertion. --- ### 4. Application Use Case | Component Role | Description | | :--- | :--- | | **Industrial PC (IPC)** | Used to add high-capacity 2.5" SSDs to small form factor boards that only have M.2 slots. | | **RAID Expansion** | Enabling external disk arrays to be controlled via an internal M.2 port. |
    ✨ Follow-up Questions
    • ⤷ Does this module support NVMe to SATA conversion
    • ⤷ or only SATA-protocol M.2?
    • ⤷ What are the specific power consumption limits for the 5V rail on this adapter?
    • ⤷ Is the R2 revision compatible with standard 2280 mounting holes?