công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M2AS1-4333-R/N

  • AI
    The **M2AS1-4333-R/N** is a specialized electronic component, typically categorized as a **High-Frequency/RF Ferrite Core** or **Inductive Element**, often manufactured by companies like **Fair-Rite** or specialized magnetic core producers. These parts are essential for electromagnetic interference (EMI) suppression and signal integrity in high-speed circuits. --- ### 1. Technical Specifications The "43" in the part number often refers to the **Material 43**, a common Nickel-Zinc (NiZn) ferrite material used for medium-to-high frequency applications. | Feature | Description | | :--- | :--- | | **Material Type** | Nickel-Zinc (NiZn) Ferrite | | **Permeability ($\mu_i$)** | Approximately 800 | | **Frequency Range** | 1 MHz to 300 MHz (Optimal) | | **Function** | EMI Suppression, Common Mode Choking | | **Configuration** | Surface Mount (SMD) / Array Type | --- ### 2. Core Composition and Function The device is designed to handle electronic noise through the following mechanisms: * **Magnetic Permeability:** The NiZn material provides high magnetic resistance to high-frequency noise while allowing DC or low-frequency signals to pass with minimal attenuation. * **Impedance Characteristics:** It acts as a frequency-dependent resistor. At higher frequencies, the component becomes highly resistive, dissipating noise as a small amount of heat. * **Dual-Line/Array Structure:** The "M2" and "AS" designations often imply an array structure, allowing multiple signal lines to be filtered simultaneously within a single compact package. --- ### 3. Electronic Applications These parts are integrated into electronic assemblies where space is limited and signal purity is critical: 1. **I/O Ports:** Filtering noise on USB, HDMI, or Ethernet differential lines. 2. **Power Supplies:** Suppressing high-frequency switching noise in DC-DC converters. 3. **Consumer Electronics:** Reducing EMI in smartphones, tablets, and laptops to meet regulatory standards (FCC/CE). 4. **Automotive:** Protecting sensitive sensor data from engine and motor interference. --- ### 4. Mounting and Schematic Representation In a circuit schematic, this part is represented as an inductor or a bead. ```yaml Symbol: L (Inductor) or FB (Ferrite Bead) Mounting: SMT (Surface Mount Technology) Reflow Profile: Standard Pb-Free (Lead-Free) soldering ``` ---
    ✨ Follow-up Questions
    • ⤷What is the difference between Material 43 and Material 77 in ferrite cores?
    • ⤷ How do I calculate the required impedance for an EMI suppressor?
    • ⤷ Can this part be used for power line filtering above 5 Amps?