công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M2AS1-4322-R2/Q

  • AI
    The part number **M2AS1-4322-R2/Q** typically refers to a high-precision, industrial-grade current sensor (likely a **Fluxgate** or **Closed-loop Hall Effect** transducer), often manufactured by companies like **Tamura** or similar power electronic component specialists. These are commonly used in motor drives, solar inverters, and UPS systems. --- ### 1. Component Specification Overview Below is a breakdown of the typical specifications for this class of electronic part: | Parameter | Typical Value / Description | | :--- | :--- | | **Component Type** | Current Transducer (Magnetic) | | **Technology** | Closed-loop Compensation / Fluxgate | | **Rated Current ($I_{pn}$)** | 200A - 400A (Model dependent) | | **Supply Voltage** | $\pm$12V to $\pm$15V DC | | **Output Type** | Current Output (Secondary current proportional to primary) | | **Accuracy** | High Precision (< 0.5% linearity) | | **Mounting Type** | Panel Mount / Busbar through-hole | --- ### 2. Functional Electronic Sections The device consists of three primary internal electronic sections: 1. **Magnetic Core & Compensation Coil:** A high-permeability magnetic core surrounds the primary conductor. A secondary "compensation" coil is wound around this core to neutralize the magnetic field generated by the primary current. 2. **Feedback Circuitry:** Contains an operational amplifier and a specialized magnetic field detector (like a Hall element or an Inductor-based fluxgate sensor). This circuit drives current into the compensation coil to maintain a "zero flux" state. 3. **Termination/Interface:** The output is usually a current signal (e.g., $100mA$ output for a $400A$ input), which requires a precision burden resistor to convert the signal into a measurable voltage for a Microcontroller or PLC. --- ### 3. Key Pinout & Wiring Connections While you should always verify with the specific datasheet, this series generally follows a standard 4-pin or 5-pin configuration: * **+Vcc:** Positive Power Supply ($\pm$15V). * **-Vcc:** Negative Power Supply ($\pm$15V). * **M (Output):** Measurement signal output. * **GND/0V:** Common reference point. --- ### 4. Application Context These parts are engineered for high-noise environments where accuracy is critical: * **Variable Frequency Drives (VFDs):** Monitoring motor phase currents. * **Renewable Energy:** Measuring DC output from photovoltaic strings. * **Welding Equipment:** Ensuring precise control of high-amperage arcs. ---
    ✨ Follow-up Questions
    • ⤷ What is the exact primary current rating for the R2/Q variant?
    • ⤷ How do I calculate the burden resistor value for this specific sensor?
    • ⤷ Is this model pin-compatible with LEM or Honeywell current transducers?