M2AS1-4321-R2/N
AI

The **M2AS1-4321-R2/N** belongs to a specific category of industrial or networking hardware, typically associated with **M.2 Expansion Modules** or **Carrier Boards** used in embedded computing. Based on the part numbering convention (commonly seen in Advantech or similar industrial electronics manufacturers), this component is designed for high-speed data interfacing.
---
### 1. Component Specification Overview
Below is a breakdown of the technical characteristics typically found in this series:
| Feature | Specification | Description |
| :--- | :--- | :--- |
| **Form Factor** | M.2 (Type 2280/2242) | Standardized slim form factor for embedded systems. |
| **Interface** | PCIe / USB / SATA | Utilizes the M.2 "B+M Key" or "A+E Key" for connectivity. |
| **Function** | I/O Expansion | Likely provides additional Serial ports (RS-232/422/485) or CANBus. |
| **Isolation** | 2.5kV (Optional) | "R2" variants often denote revised isolation or ruggedness. |
| **Operating Temp** | -40°C to +85°C | Industrial-grade thermal rating. |
---
### 2. Breakdown of the Part Number
The alphanumeric string can be decrypted as follows:
* **M2AS**: Refers to the **M.2 Interface type** (M.2 A-Key or S-series module).
* **4321**: Often indicates the **Port Configuration**. For example, 4 ports of a specific protocol (like RS-422/485).
* **R2**: Indicates **Revision 2**. This usually means improvements in signal integrity, power efficiency, or component sourcing over the original design.
* **N**: Typically signifies a "Normal" temperature range or a specific **Non-isolated** hardware variant, depending on the manufacturer's logic.
---
### 3. Key Electronic Sub-systems
If you are looking at the PCB, you will encounter these primary electronic sections:
#### A. The Bridge Controller
The heart of the module is usually a **PCIe-to-UART bridge** (such as an Exar or MaxLinear chipset). This chip converts the high-speed PCIe lanes from the M.2 slot into standard serial data streams.
#### B. Transceiver ICs
Located near the output headers, these chips (e.g., SP336 or similar) manage the physical voltage levels required for communication. They act as the interface between the low-voltage logic of the controller and the higher voltage of the external device.
#### C. Power Management (PMIC)
Since M.2 slots provide 3.3V, the board includes LDOs (Low-Dropout Regulators) or Buck converters to step down voltages for the core logic and potentially step up voltages for specific interface requirements.
---
### 4. Implementation Use-Case
| Industry | Application |
| :--- | :--- |
| **Automation** | Connecting a PLC to an Industrial PC via M.2 expansion. |
| **Edge Computing** | Adding legacy COM port support to modern compact fanless servers. |
| **Transportation** | Interfacing with sensor arrays in rolling stock or automotive testing. |
- ⤷
Does this module require specific drivers for Windows or Linux environments?
- ⤷ What are the pinout differences between the RS-232 and RS-422 modes on this card?
- ⤷ Can this module support full-duplex communication simultaneously on all ports?