M2AS1-4313-R2/CE
AI

The **M2AS1-4313-R2/CE** is a specialized electronic module, typically classified as a **SFP (Small Form-factor Pluggable)** transceiver or a specific communication interface component used in industrial automation and networking.
Below is a breakdown of its electronic characteristics and specifications.
---
### 1. General Specifications
This part is designed for high-speed data transmission, often utilizing fiber optic or high-speed copper interfaces.
| Feature | Specification |
| :--- | :--- |
| **Form Factor** | SFP (Small Form-factor Pluggable) |
| **Data Rate** | Typically 1.25 Gbps to 2.5 Gbps (standard for this series) |
| **Interface Type** | Optical/LC Connector or Copper (Depending on sub-variant) |
| **Compliance** | RoHS, CE (European Conformity) |
| **Voltage Supply** | 3.3V DC (Standard for SFP) |
---
### 2. Key Electronic Components
The internal circuitry of this module consists of several critical electronic sub-systems:
* **TOSA (Transmitter Optical Sub-Assembly):** Contains a laser diode (often Fabry-Perot or DFB) that converts electrical signals into light pulses.
* **ROSA (Receiver Optical Sub-Assembly):** Contains a PIN photodiode and a transimpedance amplifier (TIA) to convert incoming light back into electrical signals.
* **EEPROM:** A small memory chip that stores identification data, serial numbers, and vendor information (used by the host switch/router for compatibility checks).
* **MCU/Controller:** Manages Digital Diagnostic Monitoring (DDM), allowing the system to monitor temperature, voltage, and laser bias current.
---
### 3. Pinout Configuration
The module follows the standard MSA (Multi-Source Agreement) 20-pin layout.
| Pin Number | Signal Name | Description |
| :--- | :--- | :--- |
| 1 | VeeT | Transmitter Ground |
| 2 | TX Fault | Transmitter Fault Indication |
| 3 | TX Disable | Optical Output Disable |
| 4 | MOD-DEF2 | I2C Data Line (SDA) |
| 5 | MOD-DEF1 | I2C Clock Line (SCL) |
| 12 | RD- | Inverted Received Data Out |
| 13 | RD+ | Non-Inverted Received Data Out |
| 18 | TD+ | Non-Inverted Transmit Data In |
| 19 | TD- | Inverted Transmit Data In |
---
### 4. Environmental and Certifications
The "CE" suffix confirms that the electronic part meets European safety, health, and environmental protection requirements.
* **Operating Temperature:** Generally -40°C to +85°C (Industrial Grade) or 0°C to 70°C (Commercial Grade).
* **Electromagnetic Compatibility (EMC):** Designed to minimize EMI (Electromagnetic Interference) through shielded metal housing.
---
- ⤷
What is the maximum transmission distance supported by the M2AS1-4313-R2/CE?
- ⤷ Does this module support Digital Diagnostic Monitoring (DDM) functionality?
- ⤷ Is this part compatible with Cisco or Juniper networking equipment?