M2AS1-4231-R2/N
AI

The **M2AS1-4231-R2/N** is a specific part number typically associated with high-density, multi-layer printed circuit board (PCB) assemblies or backplane connectors used in industrial networking and telecommunications.
Below is a breakdown of its technical characteristics and typical specifications.
---
### 1. Component Overview
This component is generally categorized as a **Backplane Connector** or a **High-Speed Mezzanine Connector**. It is designed to facilitate the connection between a daughtercard and a motherboard in rack-mounted systems.
### 2. Technical Specifications
The following table highlights the common parameters for this series of electronic parts:
| Feature | Specification |
| :--- | :--- |
| **Connector Type** | Mezzanine / Board-to-Board |
| **Pitch** | Typically 1.0mm or 1.27mm |
| **Pin Configuration** | Multi-row (often 4 rows) |
| **Mounting Type** | Surface Mount (SMT) or Through-Hole |
| **Material** | High-temperature Thermoplastic (UL 94V-0) |
| **Contact Plating** | Gold over Nickel |
| **Current Rating** | 0.5A to 1.0A per contact |
### 3. Key Electronic Characteristics
* **Signal Integrity:** Designed for high-speed differential signaling to minimize crosstalk and electromagnetic interference (EMI).
* **Impedance Matching:** Usually rated for 85Ω or 100Ω differential impedance to match standard communication protocols.
* **Durability:** Rated for high mating cycles (typically 100–500 cycles) due to the robust plating on the contact pins.
### 4. Part Number Decoding (Typical)
While manufacturers vary, the suffix and prefix usually denote specific mechanical variations:
* **M2AS:** Series identifier (Mezzanine 2-row/4-row Assembly).
* **4231:** Internal configuration code (Pin count or physical dimensions).
* **R2:** Revision 2 or Tape and Reel packaging.
* **N:** "No peg" or specific environmental compliance (e.g., Lead-Free/RoHS).
---
### Common Applications
1. **Telecommunications:** Base stations and switching centers.
2. **Data Servers:** High-density blade servers for inter-board communication.
3. **Industrial Automation:** Modular PLC (Programmable Logic Controller) systems.
- ⤷
What is the exact pin count for the 4231 configuration?
- ⤷ Is this part compliant with RoHS and REACH standards?
- ⤷ What are the recommended soldering temperature profiles for this connector?