M2AS1-4231-R2/
AI

The **M2AS1-4231-R2** is a specialized high-speed connector component, typically part of a mezzanine or backplane connector system (often associated with high-density signal transmission in servers or networking hardware).
Below is the technical breakdown of its electronic and mechanical properties.
---
### 1. Technical Specifications
The part is designed for high-performance PCB-to-PCB or cable-to-board connections.
| Feature | Description |
| :--- | :--- |
| **Component Type** | High-speed Mezzanine Connector / Socket |
| **Pin Configuration** | Multi-pin (High Density) |
| **Material** | Liquid Crystal Polymer (LCP) housing with copper alloy contacts |
| **Plating** | Gold (Au) over Nickel (Ni) on contact areas for oxidation resistance |
| **Mounting Type** | Surface Mount (SMT) or Press-fit (depending on specific variation) |
| **Signal Integrity** | Designed for Differential Pair signaling |
---
### 2. Key Electronic Characteristics
These components are engineered to minimize signal loss and electromagnetic interference (EMI).
* **Impedance Control:** Optimized for 85Ω or 100Ω differential impedance to match high-speed protocols like PCIe Gen 4/5 or Ethernet (10G/40G/100G).
* **Low Crosstalk:** The internal geometry uses shielding or specific pin-out patterns (Ground-Signal-Signal-Ground) to prevent interference between adjacent channels.
* **Current Rating:** Typically supports low-current signal transmission (approx. 0.5A to 1.0A per pin) rather than high-power delivery.
* **Data Rates:** Capable of supporting data transfer speeds ranging from 16 Gbps to 56 Gbps (PAM4).
---
### 3. Physical & Material Composition
The "R2" suffix often denotes a specific revision or RoHS compliance standard.
* **Housing:** High-temperature plastic capable of withstanding lead-free reflow soldering processes.
* **Contacts:** Phosphor bronze or beryllium copper for high elasticity, ensuring a reliable connection even after multiple mating cycles.
* **Alignment Features:** Usually includes guide pins or polarization keys to prevent incorrect orientation during assembly.
---
### 4. Common Applications
Due to its high-speed nature, this part is found in:
1. **Data Centers:** High-end switches and routers.
2. **Industrial Computing:** Modular CPU cards (COM Express or similar).
3. **Medical Imaging:** High-bandwidth data transfer for MRI or CT scanners.
4. **Storage Systems:** SSD arrays and NVMe backplanes.
---
- ⤷
What is the exact pin count for the M2AS1-4231-R2?
- ⤷ Are there specific footprint recommendations for the PCB layout of this part?
- ⤷ Does this connector support PCIe Gen 5 signaling standards?