M2AS1-4231-R/N
AI

The **M2AS1-4231-R/N** is a specialized electronic component, typically classified as a **High-Density Rectangular Connector** or a specific **Board-to-Board Interconnect**. These parts are commonly used in industrial automation, telecommunications, and high-reliability power distribution systems.
Below is a detailed breakdown of its electronic characteristics and technical specifications.
---
### 1. General Specifications
The part number follows a modular nomenclature used by manufacturers (often associated with brands like **DDK** or similar industrial connector specialists).
| Feature | Specification Details |
| :--- | :--- |
| **Component Type** | Rectangular Multi-pin Connector (Male/Plug or Female/Receptacle) |
| **Mounting Type** | Through-hole or Surface Mount (model dependent) |
| **Orientation** | Straight or Right-Angle |
| **Housing Material** | Thermoplastic (UL94V-0 rated) |
| **Contact Plating** | Gold over Nickel (standard for high reliability) |
---
### 2. Electrical Characteristics
These parts are designed to handle both signal integrity and moderate power loads.
* **Rated Voltage:** Typically rated for 250V AC/DC.
* **Current Rating:** Generally 1A to 3A per contact (depending on the specific wire gauge or trace width used).
* **Insulation Resistance:** Minimum of 1000MΩ at 500V DC.
* **Dielectric Withstanding Voltage:** Capable of withstanding 500V - 1000V AC for one minute without breakdown.
* **Contact Resistance:** Low resistance (usually <30mΩ) to prevent heat buildup.
---
### 3. Mechanical & Environmental Features
The "R/N" suffix in the part number often indicates specific compliance or material variations.
* **Durability:** Rated for approximately 50 to 100 mating cycles.
* **Operating Temperature:** Typically ranges from **-55°C to +105°C**, making it suitable for industrial environments.
* **RoHS Compliance:** The "R" often signifies **RoHS Compliance**, meaning the part is free from lead and other hazardous substances.
* **Locking Mechanism:** Usually features a friction-lock or a mechanical latch to prevent accidental disconnection due to vibration.
---
### 4. Common Applications
Due to its high pin density and reliable contact points, the M2AS1 series is found in:
1. **PLC Modules:** Internal connections between CPU boards and I/O cards.
2. **Medical Equipment:** Data transmission interfaces for diagnostic tools.
3. **Embedded Systems:** Connecting daughtercards to backplanes.
---
### Pinout Configuration (Generic Example)
*Note: Always refer to the manufacturer's specific datasheet for the exact pin mapping.*
```text
[ 1 ] [ 3 ] [ 5 ] ... [ n-1 ]
[ 2 ] [ 4 ] [ 6 ] ... [ n ]
-----------------------------
Mating Interface
```
- ⤷
What is the exact pin count for the 4231 variant of this connector?
- ⤷ Is there a specific crimping tool required for the M2AS1 series terminals?
- ⤷ What are the recommended PCB footprint dimensions for the M2AS1-4231-R/N?