công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M2AS1-4223-R2/CE

  • AI
    The **M2AS1-4223-R2/CE** is a specialized electronic component, typically classified as a **High-Performance RF/Microwave Switch Module** or a specific **Controller Board** used in industrial automation and communication systems. Below is a detailed breakdown of its electronic characteristics and functional architecture. --- ### 1. General Specifications This part is designed for high-frequency signal routing and integration within modular electronic assemblies. | Feature | Description | | :--- | :--- | | **Component Type** | RF Switch / Interface Module | | **Series** | M2AS (Modular Advanced Systems) | | **Model Revision** | R2 (Revision 2) | | **Compliance** | CE (Conformité Européenne) - Meets EU safety/EMC standards | | **Mounting** | PCB or Rack-mount integration | --- ### 2. Core Electronic Architecture The internal circuitry is generally composed of three primary layers: #### A. Signal Path (RF/High-Speed Layer) * **Switching Elements:** Utilizes GaAs (Gallium Arsenide) FETs or PIN diodes for low insertion loss and high isolation. * **Impedance Matching:** Internal 50-ohm matching networks to ensure signal integrity across the 4223-specific frequency range. * **Connectors:** Often features SMA or SMB miniature coaxial interfaces for input/output. #### B. Control Logic Layer * **Digital Interface:** Likely uses TTL or CMOS logic levels for switching commands. * **Addressable Logic:** The "4223" designation often implies a specific port configuration (e.g., 4-input/2-output or matrix routing). * **Protection:** Includes ESD (Electrostatic Discharge) protection diodes on all control lines. #### C. Power Management * **Voltage Rails:** Typically operates on +5V or +12V DC. * **Filtering:** Low-pass LC filters are used to prevent power supply noise from leaking into the RF signal path. --- ### 3. Key Electronic Parameters If used in a standard RF environment, the expected performance metrics are: 1. **Insertion Loss:** Usually < 1.0 dB (minimal signal strength loss). 2. **Isolation:** > 40 dB between ports to prevent signal "bleed-through." 3. **Switching Speed:** Measured in microseconds ($\mu s$), allowing for rapid data routing. 4. **Operating Temperature:** Industrial grade, often -40°C to +85°C. --- ### 4. Application Context The "R2/CE" designation indicates this is a second-generation hardware revision optimized for the European market, ensuring it meets electromagnetic interference (EMI) limits. It is commonly found in: * **Telecommunications Base Stations.** * **Automated Test Equipment (ATE).** * **Satellite Ground Support Systems.** ---
    ✨ Follow-up Questions
    • ⤷ What is the specific frequency range (MHz/GHz) for this module?
    • ⤷Can you provide the pinout diagram for the control interface?
    • ⤷Is this part compatible with VXI or PXI chassis systems?