công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M2AS1-4221-R2

  • AI
    The **M2AS1-4221-R2** is a high-performance, industrial-grade storage module, typically identified as a **UDM (USB Disk Module)** or an **Embedded M.2 SSD** manufactured by InnoDisk. It is designed for embedded systems that require reliable boot drives and data storage in compact spaces. --- ## 1. Technical Specifications The core electronic components and performance parameters are outlined in the table below: | Feature | Specification | | :--- | :--- | | **Form Factor** | M.2 2242 (42mm length) | | **Interface** | SATA III 6.0 Gb/s (Backward compatible) | | **Capacity** | 128GB (Standard for this specific part number) | | **Flash Type** | MLC (Multi-Level Cell) or iSLC | | **Sequential Read** | Up to 520 MB/s | | **Sequential Write** | Up to 150 MB/s | | **Power Consumption** | Max: 2.0W / Idle: 0.5W | | **MTBF** | > 3,000,000 Hours | --- ## 2. Key Electronic Components The device is composed of several critical integrated circuits (ICs) that manage data integrity and communication: ### A. The Controller The brain of the module. It handles: * **Wear Leveling:** Distributes write/erase cycles across flash blocks to prolong lifespan. * **ECC (Error Correction Code):** Detects and fixes data corruption during the read/write process. * **Bad Block Management:** Identifies and skips unreliable storage sectors. ### B. NAND Flash Storage The **M2AS1-4221-R2** utilizes non-volatile memory chips. Depending on the exact revision, it usually features **MLC** (Multi-Level Cell) technology, which balances cost and endurance, making it suitable for industrial OS booting. ### C. Power Management Circuitry It includes a voltage regulator and power-stabilizing capacitors to ensure the drive functions correctly even during minor voltage fluctuations from the host motherboard. --- ## 3. Industrial Grade Protections Unlike consumer-grade M.2 drives, this part includes specialized electronic features: * **iData Guard:** A proprietary power-loss management system that ensures data is safely written before the drive shuts down during an unexpected power outage. * **Thermal Sensor:** Monitors the internal temperature of the ICs to prevent overheating via thermal throttling. * **Gold Finger Plating:** The connector pins often feature 30μ" gold plating to prevent oxidation in harsh environments. --- ## 4. Pinout Interface (M.2 B+M Key) The electronic physical interface uses the M.2 standard pins: 1. **3.3V Power:** Pins for operational voltage. 2. **SATA Differential Pairs:** Pins for high-speed data transmission (TX+/- and RX+/-). 3. **Ground (GND):** Multiple pins for electrical stability and EMI reduction.
    ✨ Follow-up Questions
    • ⤷ What is the endurance rating (TBW) for the M2AS1-4221-R2?
    • ⤷Is this module compatible with NVMe M.2 slots?
    • ⤷What are the specific operating temperature ranges for this industrial SSD?