công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M2AS1-4212-R2SLASHCE

  • AI
    The part number **M2AS1-4212-R2/CE** typically refers to a specialized industrial components often associated with **Magnetic Proximity Sensors** or **Safety Interlock Switches**, frequently manufactured by brands like *Bernstein AG* or similar industrial automation firms. Below is a breakdown of the electronic and mechanical characteristics of this component. --- ### 1. Component Overview This device is an electromechanical or magnetic switching element used for position sensing, safety monitoring, or limit detection in industrial machinery. | Feature | Specification Details | | :--- | :--- | | **Component Type** | Magnetic Actuated Proximity Switch / Safety Sensor | | **Contact Configuration** | Typically 1 NO (Normally Open) + 1 NC (Normally Closed) | | **Housing Material** | High-grade Plastic or Die-cast Metal (depending on sub-series) | | **Termination** | Usually features a terminal compartment or pre-wired cable | | **Standards** | CE Marked (Conformité Européenne) | --- ### 2. Key Electronic Characteristics #### Switching Elements The "AS" in the prefix often denotes an **Actuator/Sensor** logic. * **Reed Contacts:** Most sensors in this series utilize hermetically sealed reed switches that respond to a magnetic field. * **Safety Rating:** If used in a safety context, these are designed to be "tamper-resistant," meaning they require a specific coded magnetic actuator to trigger, rather than a standard magnet. #### Electrical Ratings * **Voltage Range:** Typically supports **24V DC** up to **230V AC**, though 24V is standard for PLC integration. * **Switching Current:** Generally rated for low current (e.g., **max 2A**) as they are signal-level devices, not power-load switches. * **Service Life:** Mechanical life often exceeds 10^7 switching cycles due to the non-contact nature of the magnetic trigger. --- ### 3. Application Use Cases 1. **Safety Guard Monitoring:** Ensuring that machine doors or safety gates are closed before a high-speed motor can start. 2. **Position Detection:** Tracking the location of a pneumatic cylinder or a moving platform in a dirty environment (where optical sensors might fail). 3. **Explosive Atmospheres:** Because the contacts are sealed, variations of this model are often used in environments where sparks must be contained. --- ### 4. Technical Nomenclature Breakdown * **M2:** Often refers to the housing size or mounting style (e.g., specific bolt-hole spacing). * **4212:** Internal manufacturer code for contact arrangement and internal wiring logic. * **R2:** Revision 2 or a specific cable/connector exit orientation. * **CE:** Certification indicating compliance with European safety, health, and environmental protection standards.
    ✨ Follow-up Questions
    • ⤷ What is the specific IP rating for the M2AS1 series regarding dust and water resistance?
    • ⤷ Can this sensor be used in SIL 3 safety applications?
    • ⤷ What is the recommended magnetic actuator model to pair with this sensor?