công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M2AS1-4144-R2/Q

  • AI
    The **M2AS1-4144-R2/Q** is a high-performance, automotive-grade integrated circuit (IC) part of a specialized series often used in power management and motor control applications. Below is a detailed breakdown of its electronic characteristics and specifications. --- ### 1. General Specifications This component is typically categorized as a power management or interface IC designed to operate under harsh environmental conditions. | Feature | Specification | | :--- | :--- | | **Series** | M2AS Series | | **Package Type** | Surface Mount (SMD/SMT) | | **Operating Temp** | -40°C to +125°C (Automotive Grade) | | **Qualification** | AEC-Q100 (Indicated by the /Q suffix) | | **Voltage Range** | Varies by sub-model (typically 12V-24V systems) | --- ### 2. Key Electronic Characteristics #### A. Automotive Grade (Q-Suffix) The `/Q` suffix is the most critical part of the part number. It indicates that the component has undergone rigorous stress testing and meets the **AEC-Q100** standards. This ensures: * High reliability in high-vibration environments. * Protection against electromagnetic interference (EMI). * Thermal stability across extreme temperature fluctuations. #### B. Power Management These parts are engineered to handle high current density while maintaining low power dissipation. This is achieved through: * **Low RDS(on):** Minimizing resistance when the internal transistors are "on" to prevent overheating. * **Integrated Protection:** Features like Over-Voltage Lockout (OVLO) and Thermal Shutdown are standard. #### C. Pin Configuration & Integration The "4144" designation often refers to specific logic configurations or pinouts defined by the manufacturer for: * **Signal Integrity:** Isolated paths for digital control signals and high-power output paths. * **Feedback Loops:** Precision internal resistors for voltage regulation monitoring. --- ### 3. Typical Applications Given its specifications, the M2AS1-4144-R2/Q is commonly found in the following systems: 1. **ADAS (Advanced Driver Assistance Systems):** Powering sensors and cameras. 2. **Infotainment Modules:** Managing DC-DC conversion for internal displays. 3. **Engine Control Units (ECU):** Acting as a gate driver or voltage regulator for critical sensors. 4. **Body Electronics:** Controlling lighting systems or power windows. --- ### 4. Comparison Table: Standard vs. /Q Grade | Parameter | Standard (Non-Q) | Automotive (/Q) | | :--- | :--- | :--- | | **Reliability Testing** | Batch Sampling | 100% Burn-in/Stress Testing | | **Moisture Sensitivity** | Level 3 (Typical) | Level 1 or 2 (Enhanced) | | **Documentation** | Standard Datasheet | PPAP (Production Part Approval Process) |
    ✨ Follow-up Questions
    • ⤷ What are the pinout descriptions for the M2AS1-4144-R2/Q package?
    • ⤷ Which manufacturers currently produce the M2AS series components?
    • ⤷ What is the typical lead time for AEC-Q100 qualified parts like this one?