M2AS1-4143-R/N
AI

The **M2AS1-4143-R/N** is a specific model of an **SFP (Small Form-factor Pluggable)** optical transceiver module, typically manufactured by companies like **Formerica Optoelectronics**. It is designed for high-speed fiber optic communication.
---
## 1. Technical Specifications
The following table outlines the core electronic and optical characteristics of this component:
| Parameter | Specification |
| :--- | :--- |
| **Form Factor** | SFP (Small Form-factor Pluggable) |
| **Data Rate** | 1.25 Gbps (Gigabit Ethernet / Fiber Channel) |
| **Wavelength** | 1310 nm |
| **Connector Type** | Duplex LC |
| **Transmission Distance** | Up to 10 km (Single Mode Fiber) |
| **Interface Type** | SerDes (Serial-Deserializer) |
| **Supply Voltage** | 3.3V |
---
## 2. Key Electronic Components
Inside the M2AS1-4143-R/N, several critical electronic sub-systems work together to convert electrical signals to light and vice versa:
### A. Transmitter Section (TOSA)
* **Laser Diode (FP/DFB):** Converts electrical pulses from the network switch into optical pulses.
* **Laser Driver IC:** A high-speed integrated circuit that modulates the current flowing through the laser diode to ensure clean signal switching.
### B. Receiver Section (ROSA)
* **PIN Photodiode:** Detects incoming light pulses and converts them back into a weak electrical current.
* **Trans-Impedance Amplifier (TIA):** Converts the weak current from the photodiode into a usable voltage signal.
* **Limiting Amplifier:** Quantizes the signal to ensure a standard logic level is sent to the host system.
### C. Control & Monitoring
* **EEPROM:** Stores identification data (vendor name, serial number, part number) and configuration parameters.
* **Digital Diagnostics Monitoring (DDM):** While "R/N" suffixes vary by manufacturer, this series often includes I2C-based monitoring for temperature, voltage, and optical power.
---
## 3. Pinout Configuration
The module uses a standard 20-pin gold finger connector to interface with the host PCB.
```yaml
Pin 1: VeeT (Transmitter Ground)
Pin 2: TX_Fault (Transmitter Fault Indication)
Pin 3: TX_Disable (Optical output disable)
Pin 4: MOD-DEF2 (I2C Data Line - SDA)
Pin 5: MOD-DEF1 (I2C Clock Line - SCL)
...
Pin 12: RD- (Inverted Received Data Out)
Pin 13: RD+ (Non-Inverted Received Data Out)
Pin 18: TD+ (Non-Inverted Transmit Data In)
Pin 19: TD- (Inverted Transmit Data In)
```
---
- ⤷
What is the difference between the R and N suffixes in this part number?
- ⤷ Can this module be used in a 10Gbps SFP+ slot?
- ⤷ What are the power consumption limits for this specific transceiver?