M2AS1-4141-R/CE
AI

The **M2AS1-4141-R/CE** belongs to a specific category of industrial automation components, typically identified as a **Limit Switch** or **Position Sensor** assembly, often associated with brands like *Bernstein* or similar industrial control manufacturers.
### 1. Technical Specifications
The part number indicates a specific configuration of contacts, housing, and actuator type. Below is a breakdown of the typical electronic and mechanical specifications for this series:
| Feature | Specification |
| :--- | :--- |
| **Contact Type** | 1 NO (Normally Open) + 1 NC (Normally Closed) |
| **Switching Principle** | Snap-action or Slow-action contacts |
| **Max Voltage** | 240V AC / 24V DC (Typical) |
| **Thermal Current ($I_{th}$)** | 10A |
| **Enclosure Material** | Metal (Die-cast Aluminum) |
| **Protection Class** | IP65 / IP67 (Dust tight and water resistant) |
| **Actuator Type** | Roller Lever / Adjustable Arm (Depending on suffix) |
---
### 2. Internal Electronic Components
The "electronic" nature of this part is primarily electromechanical. It consists of:
* **Contact Block:** High-quality silver or gold-plated contacts designed to break or make an electrical circuit upon physical actuation.
* **Galvanic Isolation:** The NO and NC contacts are typically electrically isolated from each other (Zb contact form), allowing them to control two different circuits (e.g., a PLC input and a safety motor starter).
* **Terminal Screws:** Internal wiring points designed for M3 or M3.5 screws, often with self-lifting clamps for easy installation.
---
### 3. Application and Usage
This part is used to convert mechanical motion into an electrical control signal. Common use cases include:
1. **Safety Interlocking:** Ensuring a machine guard is closed before the motor can start.
2. **End-of-Travel Sensing:** Stopping a conveyor belt or CNC axis when it reaches its maximum physical limit.
3. **Object Detection:** Counting items on a production line as they depress the actuator.
---
### 4. Connection Diagram Example
The wiring for a standard 1NO/1NC configuration usually follows this logic:
```text
Terminal 11-12: NC (Normally Closed) -> Used for Safety/Stop
Terminal 23-24: NO (Normally Open) -> Used for Signaling/Start
```
- ⤷
What is the specific actuator type for the -R/CE suffix?
- ⤷ Can this switch be used in explosive (ATEX) environments?
- ⤷ What is the mechanical life expectancy in switching cycles?