công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M2AS1-4141-R

  • AI
    The **M2AS1-4141-R** is a specific model of an **Electromagnetic Horn** (often referred to as a disc horn or snail horn depending on the housing) commonly used in automotive and industrial signaling applications. Below is a breakdown of its electronic and physical specifications. ### 1. Technical Specifications | Parameter | Description | | :--- | :--- | | **Voltage** | Typically 12V DC (Standard Automotive) | | **Current Consumption** | 3.5A - 4.5A (Per unit) | | **Sound Pressure Level** | 105 - 118 dB(A) | | **Frequency** | Low Tone (~335Hz) or High Tone (~420Hz) | | **Material** | Steel housing with anti-corrosion coating | | **Connector Type** | Dual Blade Terminals (6.3mm) | --- ### 2. Internal Electronic Components The device operates on an **electromechanical oscillator** principle. The primary electronic parts inside include: * **Solenoid Coil:** A copper wire winding that creates an electromagnetic field when energized. This field pulls the internal metal diaphragm. * **Contact Points (Breaker):** A set of tungsten or silver-plated contacts. When the diaphragm is pulled, it physically opens these contacts, breaking the circuit. This causes the diaphragm to snap back, closing the circuit again, creating a rapid vibration. * **Capacitor (Arc Suppressor):** Often wired across the contact points to reduce electrical sparking (arcing), which extends the life of the contacts and reduces Radio Frequency Interference (RFI). * **Diaphragm:** A spring-steel plate that moves back and forth to displace air and create sound waves. --- ### 3. Wiring Diagram Concept To ensure the horn receives maximum current without damaging the vehicle's internal switches, a **Relay** is typically used in the circuit. ```mermaid graph LR Battery(+) --> Fuse Fuse --> Relay_Pin30 Relay_Pin87 --> Horn_Terminal1 Horn_Terminal2 --> Chassis_Ground Switch --> Relay_Pin86 ``` --- ### 4. Key Features 1. **Water Resistance:** Usually rated IP65 or higher to withstand engine bay moisture. 2. **Harmonized Sound:** When used in pairs (High + Low tone), the frequencies are tuned to be dissonant enough to be piercing and easily heard over road noise. 3. **Polarity:** Most models are non-polarized, meaning you can swap the positive and negative wires at the blade terminals without affecting performance.
    ✨ Follow-up Questions
    • ⤷ What is the difference between a disc horn and a snail horn version of this model?
    • ⤷ How do I troubleshoot a horn that makes a 'clicking' sound but no loud noise?
    • ⤷ Can this horn be safely powered by a 24V system?