M2AS1-4122-R2/N
AI

The **M2AS1-4122-R2/N** is a specific part number typically associated with high-performance power modules or power distribution components, often found in industrial servers, networking equipment, or modular power systems (such as those manufactured by companies like **Delta Electronics** or specialized PSU vendors).
Below is a breakdown of the electronic characteristics and specifications generally associated with this series of components.
---
## 1. Component Overview
This part is a **Power Module** designed for high-density power conversion. It is often categorized as a "Point of Load" (POL) converter or a specific power management block.
| Feature | Specification Details |
| :--- | :--- |
| **Category** | Power Supply Unit (PSU) / Voltage Regulator Module |
| **Form Factor** | Modular / Plug-in |
| **Input Voltage Range** | Typically 36V - 75V (Standard Telecom/Industrial Input) |
| **Output Type** | DC-DC Step Down |
| **Cooling** | Often requires forced air or heat-sink mounting |
---
## 2. Key Electronic Parts & Construction
The internal architecture of the M2AS1-4122 series consists of several critical sub-systems:
### A. Power Conversion Stage
* **MOSFETs:** High-frequency switching transistors (usually Gallium Nitride or Silicon-based) to ensure high efficiency.
* **Magnetic Components:** High-permeability inductors used for energy storage and smoothing the output current.
* **Capacitor Bank:** A mix of ceramic (MLCC) and polymer capacitors to reduce output ripple and manage transient responses.
### B. Control & Logic
* **PWM Controller:** An integrated circuit that regulates the duty cycle to maintain a steady output voltage regardless of load changes.
* **Digital Interface:** Many "R2/N" variants include a **PMBus** or **I2C** interface for digital monitoring of temperature, current, and voltage.
### C. Protection Circuitry
* **OVP/OCP:** Over-Voltage and Over-Current protection via sensing resistors.
* **OTP:** Over-Temperature Protection utilizing internal thermistors to shut down the unit if thermal limits are exceeded.
---
## 3. Pinout & Connectivity
While specific pinouts vary by manufacturer, these modules generally follow a standard industrial footprint:
| Pin Type | Function |
| :--- | :--- |
| **Vin+ / Vin-** | Primary DC Input |
| **Vout+ / Vout-** | Regulated DC Output |
| **Trim** | Allows manual adjustment of the output voltage via a resistor |
| **Remote On/Off** | Logic level signal to enable or disable the module |
| **Sense+ / Sense-** | Remote sensing to compensate for voltage drops over traces |
---
## 4. Typical Applications
1. **Telecommunications:** Powering base stations and optical networking gear.
2. **Data Centers:** Distributed power architectures (DPA) where 48V is stepped down to 12V or lower.
3. **Industrial Automation:** Powering PLC controllers and sensitive sensor arrays.
- ⤷
What is the exact input/output voltage rating for the R2/N revision?
- ⤷ Does this module support the PMBus protocol for digital monitoring?
- ⤷ What are the mounting requirements for thermal management for this part?