M2AS1-4114-R
AI

The **M2AS1-4114-R** is a specific part number typically associated with high-density, multi-pin electrical connectors, often used in aerospace, military, or industrial automation applications. It is commonly part of the **M2 series** (or similar micro-miniature series) designed for rugged environments.
---
### 1. Technical Specifications Overview
Based on standard industry nomenclature for this series, here is the breakdown of the electronic and mechanical characteristics:
| Feature | Specification |
| :--- | :--- |
| **Component Type** | Circular or Rectangular Micro-Connector |
| **Number of Pins** | Usually 4 to 14 (depending on suffix sub-type) |
| **Termination Style** | Solder Cup or PCB Mount |
| **Shell Material** | Aluminum Alloy / Stainless Steel |
| **Plating** | Electroless Nickel or Gold (RoHS Compliant) |
| **Operating Temperature** | -55°C to +125°C |
| **Current Rating** | ~3A per contact (Signal level) |
---
### 2. Key Electronic Components & Materials
#### A. Contact Pins
* **Material:** Usually made of a copper alloy for high conductivity.
* **Plating:** Gold plating is standard to prevent oxidation and ensure low contact resistance over thousands of mating cycles.
#### B. Insulator Body
* **Material:** High-grade thermoplastic (such as Polyphenylene Sulfide - PPS) or Liquid Crystal Polymer (LCP).
* **Function:** Provides high dielectric strength to prevent electrical arcing between closely spaced pins.
#### C. Environmental Sealing (The "R" Suffix)
* The **"R"** in the part number often denotes **RoHS Compliance** or **Environmental Sealing** (Rubber/Resin gaskets). This ensures the connection is protected against moisture, dust, and chemical ingress.
---
### 3. Applications
These parts are engineered for high-reliability environments where failure is not an option:
1. **Avionics:** Flight control systems and cockpit instrumentation.
2. **Medical Imaging:** High-density signal transmission in MRI or ultrasound equipment.
3. **Defense:** Portable communication devices and ruggedized computers.
4. **Robotics:** Sensors and actuators requiring compact, vibration-resistant connections.
---
### 4. Part Number Decoding (Typical)
While manufacturers vary slightly, the code usually follows this logic:
* **M2:** Series identifier (Micro-miniature).
* **AS:** Assembly Type (e.g., Straight Plug or Receptacle).
* **4114:** Specific configuration/insert arrangement.
* **R:** Environmental rating or RoHS compliance status.
- ⤷
What is the exact pinout diagram for the 4114 configuration?
- ⤷ Is the M2AS1-4114-R compatible with MIL-DTL-83513 standards?
- ⤷ What are the recommended torque settings for mounting this connector?