M2AP-62-R2/CE
AI

The **M2AP-62-R2/CE** is a high-performance **Industrial Access Point** and **Wireless Bridge** manufactured by **Antaira Technologies**. It is designed specifically for rugged environments, providing reliable IEEE 802.11a/b/g/n wireless connectivity.
Below is a breakdown of its electronic components, technical specifications, and hardware features.
---
### 1. Key Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Wireless Standards** | IEEE 802.11a/b/g/n |
| **MIMO Technology** | 2x2 MIMO (Multiple-Input Multiple-Output) |
| **Ethernet Ports** | 2 x 10/100BaseT(X) RJ45 Ports |
| **Power Input** | 12~48VDC (Redundant Input) |
| **PoE Support** | IEEE 802.3af (Power over Ethernet) PD |
| **Operating Temp** | -10°C to 60°C (Standard) |
| **Mounting** | DIN-Rail or Wall Mount |
---
### 2. Core Electronic Components & Architecture
#### A. Radio Configuration
The device utilizes a dual-radio design (often based on Qualcomm Atheros chipsets) capable of operating in both the **2.4GHz** and **5GHz** spectrums.
* **Throughput:** Supports up to 300Mbps via 802.11n.
* **Antenna Connectors:** Typically features 2 x RP-SMA connectors for external antennas, allowing for signal optimization.
#### B. Power Circuitry
The electronic design emphasizes high availability for industrial automation:
* **Redundant Power:** Two separate DC inputs to ensure the device stays online if one power supply fails.
* **PoE Controller:** Integrated circuitry to handle 48V Power over Ethernet, converting it to internal logic levels (3.3V/5V).
* **Reverse Polarity Protection:** Prevents damage if the DC power leads are connected incorrectly.
#### C. Robustness and Protection
* **Isolation:** High-level EFT (Electrical Fast Transient) and ESD (Electrostatic Discharge) protection for the Ethernet ports.
* **Housing:** IP30 rated metal casing which acts as a heat sink and provides EMI (Electromagnetic Interference) shielding.
---
### 3. Operational Modes
The internal firmware and hardware logic allow the device to be configured in several electronic modes:
1. **Access Point (AP):** Bridges a wired network to wireless clients.
2. **Client/Bridge:** Connects a wired device (like a PLC) to a wireless network.
3. **Repeater:** Extends the range of an existing wireless signal.
4. **WDS (Wireless Distribution System):** Creates a wireless backbone between multiple APs.
---
### 4. Summary of Connections
```text
[ Power Input 1 (V+) ] ----┐
|--> [ Internal Voltage Regulator ] --> [ CPU / Radio ]
[ Power Input 2 (V+) ] ----┘ |
|
[ PoE Input (RJ45) ] ----------------┘
```
- ⤷
Does the M2AP-62-R2/CE support the 802.11ac standard?
- ⤷ What is the difference between the standard and 'T' models for this device?
- ⤷ How do I configure the Redundant Power feature on this Access Point?