M2AP-61-R/CE
AI

The **M2AP-61-R/CE** is a high-performance **Programmable Multi-Function Transducer** typically used in industrial automation, power monitoring, and control systems. It is part of the M2AP series designed for signal conversion and isolated transmission.
---
### 1. Core Technical Specifications
The following table outlines the primary electronic characteristics of the device:
| Feature | Specification |
| :--- | :--- |
| **Input Type** | AC Voltage or AC Current (Field Selectable) |
| **Output Type** | Dual Output (typically 4-20mA DC or 0-10V DC) |
| **Power Supply** | 100–240V AC or 24–48V DC (model dependent) |
| **Accuracy** | ±0.2% of span |
| **Response Time** | ≤ 0.5 seconds (0 to 90%) |
| **Isolation** | 2000V AC @ 1 minute (Input to Output to Power) |
| **Mounting** | DIN Rail Mounting (Standard 35mm) |
---
### 2. Key Electronic Components & Design
The internal architecture of the M2AP-61-R/CE is built around high-precision signal conditioning:
* **Isolation Barrier:** Uses optocouplers or galvanic transformers to ensure complete electrical separation between the input, output, and power supply. This protects sensitive PLC/DCS inputs from high-voltage surges.
* **Microprocessor Control:** Unlike basic analog transducers, the "Programmable" aspect means it uses an onboard MCU to handle linearization, scaling, and digital filtering.
* **A/D and D/A Converters:** Features high-resolution 16-bit converters to maintain signal integrity during the transition from the analog field sensor to the processed output.
* **Protection Circuitry:** Includes Surge protection and EMI/RFI filtering to ensure stable operation in noisy industrial environments.
---
### 3. Connection Diagram Logic
While specific pinouts should be verified via the datasheet, the general electronic wiring follows this logic:
```text
[ Input Terminals ] <---- High Voltage/Current from CT/PT
[ Power Terminals ] <---- External Supply (AC or DC)
[ Output 1 ] <---- Analog Signal to Controller (e.g., 4-20mA)
[ Output 2 ] <---- Optional redundant or secondary signal
```
### 4. Application Scenarios
* **Power Distribution:** Monitoring line voltage and converting it for SCADA systems.
* **Motor Control:** Measuring current draw to detect mechanical overloads.
* **Signal Normalization:** Converting non-standard AC signals into standard DC signals for PLC input cards.
---
- ⤷
What are the specific programming software requirements for the M2AP series?
- ⤷ How does the 'CE' suffix affect the compliance and safety ratings?
- ⤷ Can the dual outputs be configured for different ranges simultaneously?