công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M2AP-44-R2/CE

  • AI
    The **M2AP-44-R2/CE** is a high-precision digital panel meter (signal conditioner) manufactured by **M-System**. It is primarily used in industrial automation to convert analog signals into visual displays and output signals for PLCs or SCADA systems. ### 1. General Specifications | Feature | Description | | :--- | :--- | | **Model Series** | M2 Series (Mini-M Configuration) | | **Part Function** | Analog Input Digital Indicator / Signal Conditioner | | **Input Type** | DC Voltage or Current (Variable based on configuration) | | **Output Type** | DC Output (Retransmission) | | **Power Input** | 100 – 240V AC (Standard "R2" designation) | | **Mounting** | DIN Rail Mounting (Plug-in base) | --- ### 2. Key Electronic Components & Subsystems The M2AP-44-R2/CE consists of several critical electronic stages that ensure accuracy and isolation: #### A. Input Stage (Signal Conditioning) * **Analog-to-Digital Converter (ADC):** Converts the incoming analog sensor signal (e.g., 4-20mA or 0-10V) into a high-resolution digital value. * **Shunt Resistors/Voltage Dividers:** Precision passive components used to scale the input voltage to a range acceptable for the internal circuitry. #### B. Processing & Display Unit * **Microcontroller (MCU):** The "brain" that handles linearization, scaling (converting 4-20mA to a 0-100% display), and digital filtering to stabilize jittery signals. * **LED Display:** Typically a 4-digit red LED display used to show the process variable (PV). #### C. Isolation & Output Stage * **Optical Isolation:** Provides 2000V AC isolation between the input, output, and power circuits. This protects the control system from ground loops and electrical surges. * **Digital-to-Analog Converter (DAC):** Converts the processed signal back into an analog format for the retransmission output (e.g., 4-20mA DC). #### D. Power Supply Unit (PSU) * **Switching Mode Power Supply (SMPS):** The "R2" code signifies a universal AC power input. It uses high-frequency transformers and capacitors to step down 100-240V AC to stable low-voltage DC (typically 5V or 12V) for the internal logic. --- ### 3. Model Suffix Breakdown (M2AP-44-R2/CE) Understanding the specific electronic configuration through the part number: 1. **M2AP:** Series identifier (Digital Panel Meter/Signal Conditioner). 2. **4:** Input code (Commonly signifies a specific range like 4-20mA DC). 3. **4:** Output code (Commonly signifies a specific range like 4-20mA DC). 4. **R2:** Power Supply (100V – 240V AC). 5. **CE:** Compliance marking (Meets European safety and electromagnetic compatibility standards). --- ### 4. Wiring Diagram (Simplified) ```text [ Power L ] ---- (1) |-------| (5) ---- [ Output + ] [ Power N ] ---- (2) | M2AP | (6) ---- [ Output - ] [ Input + ] ---- (3) | | (7) ---- [ NC ] [ Input - ] ---- (4) |-------| (8) ---- [ NC ] ```
    ✨ Follow-up Questions
    • ⤷ What are the specific input and output range options for the '44' configuration?
    • ⤷ How do I calibrate the zero and span settings on this module?
    • ⤷ What is the power consumption rating for the R2 AC power model?