M2AP-41-R/CE
AI

The **M2AP-41-R/CE** is a high-performance **Process Signal Transmitter** (also known as a signal conditioner or isolator) manufactured by **M-System**. It is part of the M2 series, designed to convert analog signals from industrial sensors into standardized DC signals for PLCs, DCS systems, or recorders.
---
## 1. Technical Specifications Overview
The model code `M2AP-41-R/CE` breaks down into specific electronic configurations:
| Component | Code | Description |
| :--- | :---: | :--- |
| **Model** | **M2AP** | Analog Signal Transmitter (Isolator) |
| **Input** | **4** | 4 – 20 mA DC |
| **Output** | **1** | 4 – 20 mA DC |
| **Power Supply** | **R** | 24V DC |
| **Standards** | **CE** | CE Marking (European Safety Standards) |
---
## 2. Key Electronic Features
### A. Galvanic Isolation
This device provides **3-way isolation**. This means the electronic circuits for the **Input**, **Output**, and **Power Supply** are completely separated from each other (typically up to 2000V AC).
* **Purpose:** Prevents ground loops, protects sensitive equipment from high-voltage surges, and reduces electronic noise interference.
### B. Signal Conditioning Circuitry
The internal electronics utilize high-precision operational amplifiers and A/D-D/A converters (or high-linearity analog circuits) to ensure the signal is reproduced accurately.
* **Accuracy:** Typically ±0.1% of span.
* **Response Time:** Approximately 0.5 seconds (0 to 90%).
### C. Power Management
The "R" designation indicates a **24V DC** power requirement. The internal circuitry includes:
* Overcurrent protection.
* Voltage regulation to ensure stable performance even if the 24V supply fluctuates.
---
## 3. Physical & Installation Specifications
* **Housing Material:** Flame-resistant resin (Black).
* **Mounting:** DIN Rail mounting (standard 35mm).
* **Wiring:** M3.5 screw terminals.
* **Indicators:** Power LED (Green) on the front panel to indicate electronic operational status.
---
## 4. Operational Environment
| Parameter | Value |
| :--- | :--- |
| **Operating Temperature** | -5 to +55°C (23 to 131°F) |
| **Operating Humidity** | 30 to 90% RH (non-condensing) |
| **Insulation Resistance** | ≥ 100 MΩ with 500V DC |
| **Dielectric Strength** | 2000V AC @ 1 minute |
---
## 5. Summary of Electronic Function
The primary electronic role of the **M2AP-41-R/CE** is to take a current loop signal (4-20mA), which may be carrying electrical noise or be at a different ground potential, and "re-broadcast" it as a clean, isolated 4-20mA signal. This ensures that a fault in the field sensor does not destroy the expensive input card of a PLC.
- ⤷
What are the wiring diagrams for the M2AP-41-R/CE terminals?
- ⤷ How do I calibrate the zero and span adjustments on this module?
- ⤷ Can this unit be used for voltage inputs instead of current?