M2AP-34-R/UL
AI

The **M2AP-34-R/UL** is a specific model of an electronic signal conditioner or transmitter, typically manufactured by **M-System**. These devices are designed to convert various electrical input signals into standard process signals for PLC or DCS systems.
---
## Technical Specifications & Features
The following table outlines the typical characteristics of the M2AP series:
| Component/Feature | Description |
| :--- | :--- |
| **Model Type** | Mini-M Series Signal Conditioner |
| **Primary Function** | AC Current Transmitter (Average Sensing) |
| **Input Signal** | AC Current (e.g., 0–1A AC or 0–5A AC) |
| **Output Signal** | DC Current or Voltage (Standardized) |
| **Power Input** | 100 – 240V AC (Standard for UL models) |
| **Response Time** | Approximately 0.5 seconds |
| **Mounting** | DIN Rail Mounting (Plug-in base) |
---
## Part Breakdown (Naming Convention)
The alphanumeric code provides specific details about the electronic configuration:
1. **M2AP**: The base model series. "AP" specifically refers to an **AC Current Transmitter**.
2. **34**: This represents the Input/Output configuration.
* **3**: Generally refers to the Input Type (e.g., 0–1A AC).
* **4**: Generally refers to the Output Type (e.g., 0–10V DC or 4–20mA DC).
3. **-R**: Indicates the Power Input. "R" usually signifies **24V DC**.
* *Note: If the label says -M2, it refers to 100-240V AC.*
4. **UL**: Certification code indicating that the unit is **UL/cUL Listed**, meeting safety standards for the North American market.
---
## Electronic Components & Operation
Inside the M2AP-34-R/UL, the following electronic stages occur:
* **Input Stage:** Uses an internal current transformer or shunt resistor to sample the high AC current.
* **Rectification/Filtering:** Converts the AC input into a proportional DC voltage using an average-sensing circuit.
* **Isolation Circuit:** Employs **Galvanic Isolation** (usually 2000V AC) between the input, output, and power supply to protect sensitive control equipment from electrical surges.
* **Output Stage:** An operational amplifier scales the signal to the desired process level (e.g., 4-20mA).
---
## Application Use Cases
* **Motor Monitoring:** Measuring the AC current draw of an industrial motor to detect overloads.
* **Process Control:** Converting high-voltage/high-current readings into a signal a PLC (Programmable Logic Controller) can understand.
* **Data Logging:** Sending current consumption data to a SCADA system for energy management.
- ⤷
What are the specific input and output signal ranges for the '34' configuration?
- ⤷ Does this model support True RMS measurement or only average sensing?
- ⤷ What is the terminal wiring diagram for the M2AP series?