AI

The **M2AP-01-R/Q** is a specific model within the **M2AP series** of digital panel meters, typically manufactured by companies like **Hengstler** or **Kübler**. These devices are primarily used as electronic tachometers, frequency meters, or position displays in industrial automation.
### 1. General Specifications
The "R/Q" suffix usually denotes specific output configurations or input logic types (such as Relay outputs or Quadrature inputs).
| Feature | Description |
| :--- | :--- |
| **Device Type** | Digital Panel Meter / Tachometer |
| **Display** | 5 to 6-digit LED display (usually red) |
| **Input Frequency** | High-speed counting (up to several kHz) |
| **Power Supply** | Typically 115/230V AC or 10-30V DC (model dependent) |
| **Mounting** | Standard DIN Rail or Panel Cutout (48 x 48 mm or 96 x 48 mm) |
---
### 2. Key Electronic Components & Functions
The internal circuitry of the M2AP-01-R/Q consists of several critical electronic stages:
#### A. Input Stage (Signal Conditioning)
* **Optocouplers:** Used to galvanically isolate the sensitive microprocessor from high-voltage spikes on the factory floor.
* **Schmitt Triggers:** Converts noisy or slow-rising sensor signals into clean square waves for accurate counting.
* **NPN/PNP Logic:** Selectable jumpers or wiring configurations to match the sensor type (Proximity switches, Encoders, or Limit switches).
#### B. Processing & Memory
* **Microcontroller (MCU):** The brain of the unit that calculates RPM, frequency, or velocity based on the time interval between pulses.
* **EEPROM:** Non-volatile memory that stores configuration parameters (scaling factors, decimal points, and setpoints) so they aren't lost during power failure.
#### C. Output Interface (The "R" in the Model)
* **Relay Outputs:** The "R" usually signifies the inclusion of mechanical relays. These act as "setpoints" to trigger an alarm or stop a motor when a certain speed is reached.
* **Transistor Outputs:** Some variants use NPN open-collector outputs for high-speed switching tasks.
---
### 3. Wiring Terminal Pinout (General)
*Note: Always refer to the label on the physical device as versions vary.*
| Terminal | Function |
| :--- | :--- |
| **1-2** | AC Power Supply Input |
| **3-4** | Sensor Supply Output (usually 12V or 24V DC) |
| **5-7** | Signal Inputs (Channel A, Channel B/Reset) |
| **8-10** | Relay Contact (Common, NO, NC) |
---
### 4. Application Logic
The M2AP-01-R/Q functions by measuring the **frequency ($f$)** of incoming pulses and applying a scaling factor ($k$):
`Displayed Value = Pulse Frequency × Scaling Factor`
This allows the electronic part to display real-world units like **Meters per Minute**, **Liters per Hour**, or **Revolutions per Minute (RPM)**.
---
- ⤷
What is the exact voltage rating for your specific M2AP-01 model?
- ⤷ Do you need the programming codes to set the scaling factor?
- ⤷ Are you looking for a direct replacement or a wiring diagram for this part?