công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M2AMS2-A4-R2

  • AI
    The **M2AMS2-A4-R2** is a specific technical configuration typically associated with **M.2 Expansion Modules** or **Industrial Interface Cards** (often found in AAEON or similar industrial embedded systems). Below is a breakdown of the electronic components and technical specifications associated with this type of hardware. --- ### 1. General Specifications This part is generally an **M.2 to Serial Port expansion module**, designed to add legacy or industrial communication interfaces to modern motherboards via an M.2 slot. | Feature | Specification | | :--- | :--- | | **Form Factor** | M.2 2242 (B+M Key) | | **Interface Port** | 4 x RS-232/422/485 (Software Switchable) | | **Bus Type** | PCIe 2.0 x1 | | **Controller IC** | Fintek F81504 (or equivalent Multi-UART Controller) | | **Baud Rate** | Up to 921.6 Kbps | --- ### 2. Key Electronic Components #### A. The UART Controller The "brain" of the card is the **Universal Asynchronous Receiver-Transmitter (UART)** controller. * **Function:** It converts the high-speed PCIe data packets from the motherboard into serial data streams. * **FIFO Buffer:** Typically equipped with 128-byte or 256-byte deep FIFOs to prevent data loss during high-speed transmission. #### B. Transceiver ICs Because the M.2 slot operates at low voltages (3.3V), the board includes **Line Drivers/Receivers** (e.g., SP336 or similar). * **RS-232 Mode:** Pumps voltage up to +/- 5V or 12V for standard serial communication. * **RS-422/485 Mode:** Converts signals to differential pairs for long-distance, noise-resistant communication. #### C. Power Management * **DC-DC Converters:** Small onboard regulators convert the 3.3V power from the M.2 pinout to the voltages required by the serial transceivers. * **Decoupling Capacitors:** Surface-mount capacitors (SMD) are placed near the controller to filter high-frequency noise. --- ### 3. Connection Pinout (Internal) The "A4" in the part number usually refers to the **4-port configuration**. These are typically output via high-density headers on the PCB, which then connect to DB9 cables. | Pin Type | Description | | :--- | :--- | | **VCC** | 3.3V Input from M.2 Slot | | **TX/RX** | Transmit and Receive data lines | | **RTS/CTS** | Hardware flow control signals | | **GND** | Common ground for signal integrity | --- ### 4. Implementation Use-Case ```python # Conceptual logic for initializing the M2AMS2-A4-R2 in a Linux environment # The device is usually recognized as /dev/ttyS* import serial # Configure the first port of the A4-R2 module ser = serial.Serial( port='/dev/ttyS4', baudrate=9600, timeout=1 ) def send_data(msg): ser.write(msg.encode('utf-8')) print(f"Sent via M2AMS2: {msg}") send_data("Industrial Sensor Query") ``` ---
    ✨ Follow-up Questions
    • ⤷ Does this module require specific drivers for Windows 11?
    • ⤷ What is the difference between the R2 and R1 versions of this board?
    • ⤷ Can this module support isolated RS-485 communication?