công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M2AMS2-A3-R2

  • AI
    The **M2AMS2-A3-R2** is a high-performance **Industrial Servo Drive** module, typically manufactured by companies like **OMRON** or **Yaskawa** (often part of the Sigma series lineage). It is designed to control synchronous AC servo motors with high precision in automated environments. --- ### 1. Key Technical Specifications Below are the primary electronic characteristics of this specific module: | Component / Feature | Specification | | :--- | :--- | | **Input Voltage** | 200V - 230V AC (3-Phase) | | **Control Method** | Pulse Width Modulation (PWM) / IGBT Inverter | | **Encoder Interface** | Serial Absolute Encoder Support | | **Communication** | MECHATROLINK-II / Analog Voltage / Pulse Train | | **Feedback Loop** | PID Control (Position, Speed, and Torque) | --- ### 2. Core Electronic Components The internal architecture of the M2AMS2-A3-R2 consists of several critical subsystems: #### A. Power Stage (Inverter Section) * **IGBT Modules:** Insulated Gate Bipolar Transistors are used to convert the DC bus voltage into a high-frequency PWM signal to drive the motor. * **Rectifier Bridge:** Converts the incoming AC supply into DC power. * **Capacitor Bank:** High-capacity electrolytic capacitors smooth the DC link voltage and store energy for peak demands. #### B. Control Logic (The "Brain") * **DSP/FPGA:** A high-speed Digital Signal Processor or Field Programmable Gate Array calculates the motion profiles and handles real-time feedback processing (usually in the microsecond range). * **Microcontroller:** Manages high-level communication protocols (like Mechatrolink) and error logging. #### C. Interface & Protection * **Optoisolators:** Protect the internal logic circuits from high-voltage spikes on the I/O lines. * **Current Sensors:** Hall Effect sensors monitor the output current to prevent over-current and short-circuit conditions. * **Dynamic Brake Circuit:** Dissipates regenerative energy (back-EMF) when the motor decelerates rapidly. --- ### 3. Connection Pinout Overview The module typically features the following connectors: 1. **CN1:** I/O Signal Connector (Limit switches, safety stops, and pulse inputs). 2. **CN2:** Encoder Feedback (Connects to the motor's absolute or incremental encoder). 3. **CN3/CN4:** Communication ports for daisy-chaining multiple drives. 4. **L1, L2, L3:** Main power input terminals. 5. **U, V, W:** Motor output power terminals. --- ### 4. Common Error Codes When troubleshooting the electronics of this unit, the LED display often indicates: * **A.10:** Overcurrent (Possible short in motor or IGBT failure). * **A.84:** Encoder communications error (Wiring issue or faulty encoder). * **A.C9:** Encoder Communications Error.
    ✨ Follow-up Questions
    • ⤷ What are the wiring requirements for the CN1 interface on this drive?
    • ⤷ How do I configure the electronic gear ratio for the M2AMS2 series?
    • ⤷ What is the compatible motor series for the A3-R2 revision?