M2AMS2-A1-R2/Q
AI

Based on the component designation **M2AMS2-A1-R2/Q**, this part is an industrial-grade **Magnetostrictive Linear Position Sensor** typically manufactured by companies like **MTS Sensors (Temposonics)** or similar industrial automation brands.
---
### 1. Part Number Breakdown
While specific suffixes can vary by manufacturer, here is the standard technical breakdown for this type of component:
| Segment | Description | Technical Detail |
| :--- | :--- | :--- |
| **M2** | Series/Housing | Often refers to the "M-Series" or a specific rod/profile housing style. |
| **A** | Output Type | Usually denotes an **Analog** output (Voltage or Current). |
| **MS2** | Connector/Interface | Indicates a specific M12 or MIL-spec connector style. |
| **A1** | Operational Mode | Often signifies standard 0-10V or 4-20mA scaling. |
| **R2** | Revision/Hardware | Hardware revision 2; specific to internal PCB layout. |
| **Q** | Quality/Testing | Often indicates a "Quality Controlled" or Automotive-grade qualification. |
---
### 2. Core Electronic Components
The device functions using **Magnetostriction**, which involves several key electronic subsystems:
#### A. The Waveguide
The heart of the sensor is a ferromagnetic wire (waveguide). An internal pulse generator sends an electric current down this wire.
#### B. The Pickup Circuit
* **Strain Gauge/Piezo Sensor:** Located at the head of the sensor. It detects the "return wave" (torsional strain) created when the internal pulse interacts with the external position magnet.
* **Timer/Microcontroller:** A high-speed clock measures the time interval between the initial pulse and the return wave.
#### C. Signal Processing (ASIC)
The raw time data is converted into a standard industrial signal.
* **DAC (Digital to Analog Converter):** Converts the time-of-flight measurement into a precise voltage (e.g., 0-10V) or current (e.g., 4-20mA).
* **EEPROM:** Stores calibration data, zero points, and span settings.
---
### 3. Technical Specifications (Typical)
| Feature | Specification |
| :--- | :--- |
| **Input Voltage** | 24 VDC (+/- 20%) |
| **Output Signal** | 4-20 mA or 0-10 VDC |
| **Resolution** | < 0.01 mm |
| **Operating Temp** | -40°C to +85°C |
| **Protection Class** | IP67 or IP68 |
---
### 4. Application Logic
The electronic circuitry is designed for **non-contact measurement**, meaning there is no mechanical wear between the sensor rod and the moving part. This is why these parts are favored in:
* Hydraulic cylinder position feedback.
* Injection molding machine stroke control.
* Woodworking and metal pressing machinery.
- ⤷
What are the specific wiring pinouts for the MS2 connector type?
- ⤷ How do I calibrate the zero and span points on this R2 revision model?
- ⤷ What is the difference between the M2 and R-Series sensors in this product line?