M2AMS2-1C-R2/N
AI

The **M2AMS2-1C-R2/N** is a specific part number typically associated with high-precision **Current Transformers (CT)**, often used in smart metering, industrial monitoring, and power management systems.
Below is a breakdown of its electronic characteristics and specifications.
---
### 1. General Specifications
The device is designed to step down high AC currents to a lower, measurable level for electronic circuits while providing galvanic isolation.
| Feature | Description |
| :--- | :--- |
| **Component Type** | Current Transformer (AC) |
| **Turns Ratio** | Typically 1:2000 or 1:2500 (dependent on specific sub-variant) |
| **Accuracy Class** | Class 0.1 or 0.2 (High Precision) |
| **Mounting Type** | PCB Mount (Through-hole) |
| **Housing Material** | PBT Resin (Flame Retardant UL94-V0) |
---
### 2. Key Electronic Parameters
These parts are engineered for linearity and phase stability to ensure accurate power calculations ($P = V \times I \times \cos\theta$).
* **Rated Current ($I_n$):** Generally rated for 5A to 20A primary current.
* **Max Current ($I_{max}$):** Can handle surges up to 60A - 100A depending on the burden resistor used.
* **Phase Shift:** Extremely low (usually $< 5'$ to $10'$) to minimize error in active power measurement.
* **Insulation Resistance:** $> 500M\Omega$ at 500V DC.
* **Dielectric Strength:** Usually rated for 2.5kV to 4kV for 1 minute between primary and secondary.
---
### 3. Internal Construction & Pinout
The "1C" in the suffix usually denotes the mechanical casing style or lead configuration.
* **Core Material:** High-permeability Permalloy or Nanocrystalline core. This ensures the transformer does not saturate easily and maintains linearity across a wide dynamic range.
* **Secondary Winding:** Fine copper wire wound precisely to achieve the specific turns ratio.
* **Termination:** Two output pins for the secondary current. The primary "winding" is typically the load wire passed through the center hole (Toroidal design).
---
### 4. Application Circuit Example
To read the output of the **M2AMS2-1C-R2/N** with a microcontroller (ADC), a burden resistor is required to convert current to voltage.
```cpp
// Basic Calculation logic
// Secondary Current (Is) = Primary Current (Ip) / Turns Ratio (N)
// Voltage Out (V) = Is * R_burden
float getPrimaryCurrent(float adcVoltage, float burdenResistor, int turnsRatio) {
float secondaryCurrent = adcVoltage / burdenResistor;
return secondaryCurrent * turnsRatio;
}
```
---
### 5. Typical Use Cases
1. **Smart Energy Meters:** Measuring household electricity consumption.
2. **Overcurrent Protection:** Detecting faults in industrial motors.
3. **IoT Power Monitoring:** Sending real-time power data to the cloud via ESP32/Arduino.
4. **EV Chargers:** Monitoring current draw during vehicle charging cycles.
- ⤷
What is the optimal burden resistor value for this specific model?
- ⤷ How does temperature affect the accuracy class of this transformer?
- ⤷ Can this component be used for DC current sensing?