công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M2AMS2-16D-R2

  • AI
    The **M2AMS2-16D-R2** is a specific model identifier typically associated with **M.2 NVMe SSD to PCIe adapter cards** or high-density storage expansion modules, often used in server environments (such as those by AIC, Supermicro, or specialized storage vendors). Below is a breakdown of the electronic components and technical specifications typically found on this type of hardware. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Form Factor** | M.2 (NGFF) to PCIe Adapter / Riser | | **Interface** | PCIe Gen 3.0 or 4.0 (depending on revision) | | **Storage Support** | Up to 2x M.2 NVMe SSDs (Key M) | | **Data Transfer Rate** | Up to 32 Gbps (PCIe x4 per slot) | | **Dimensions** | Standard or Low-profile bracket compatibility | --- ### 2. Primary Electronic Components #### A. PCIe Switch/Bifurcation Logic Most cards in this series rely on **PCIe Bifurcation**. * **Function:** It splits a single PCIe x8 or x16 slot into multiple x4 lanes to communicate with multiple M.2 drives simultaneously. * **Requirement:** The motherboard BIOS must support "Bifurcation" (e.g., 4x4 or 8x4x4) unless the card has an onboard bridge chip (like a PLX chip). #### B. Power Management (VRM) Because M.2 NVMe drives can draw significant power during high-speed writes, the board includes: * **DC-to-DC Converters:** Steps down the 12V from the PCIe slot to the 3.3V required by M.2 SSDs. * **Inductors and Capacitors:** Used for filtering electrical noise to ensure data integrity. #### C. Connector Interface * **M-Key Slots:** Specifically designed for NVMe (PCIe-based) drives. It will not support B-Key (SATA-based) M.2 drives. * **Gold Fingers:** The edge connector is usually rated for high-frequency signals to minimize signal loss. --- ### 3. Physical Layout & Thermal Management * **Activity LEDs:** Small SMD (Surface Mount Device) LEDs that blink during data read/write operations for each drive. * **Heatsink/Thermal Pads:** High-performance SSDs generate heat; these boards often feature a large aluminum heatsink and thermal interface material (TIM) to prevent thermal throttling. * **Mounting Studs:** Adjustable holes to support different M.2 lengths (2242, 2260, 2280, or 22110). --- ### 4. Typical Block Diagram Logic ```mermaid graph TD A[PCIe Slot x8/x16] --> B{Bifurcation Logic} B --> C[M.2 Slot 1 - x4 Lanes] B --> D[M.2 Slot 2 - x4 Lanes] A --> E[12V to 3.3V Voltage Regulator] E --> C E --> D ``` ---
    ✨ Follow-up Questions
    • ⤷Does the M2AMS2-16D-R2 require a motherboard that supports PCIe bifurcation?
    • ⤷ What are the specific power requirements for this adapter card?
    • ⤷ Which SSD lengths are supported by the mounting holes on this PCB?