M2AMS2-162-R2/N
AI

The **M2AMS2-162-R2/N** is a specialized microwave/RF coaxial switch, typically manufactured by companies like **Teledyne Relays** or similar high-reliability aerospace component providers. This part belongs to the **M2A** series, which are characterized by their miniature size and high-frequency performance.
---
### 1. Component Overview
This device is a **SPDT (Single Pole Double Throw)** electromechanical coaxial switch. It is designed to route RF signals from one common input to one of two output ports.
| Feature | Specification Details |
| :--- | :--- |
| **Switch Type** | SPDT (Single Pole Double Throw) |
| **Actuator Type** | Failsafe (usually returns to a default position when power is removed) |
| **Frequency Range** | DC to 18 GHz (or 26.5 GHz depending on specific sub-series) |
| **Interface** | SMA Female Connectors |
| **Series** | M2A (Miniature Coaxial Switch) |
---
### 2. Breakdown of the Model Number
The alphanumeric code provides specific details regarding the electrical and mechanical configuration:
| Segment | Meaning |
| :--- | :--- |
| **M2A** | Series designation: Miniature Electromechanical Coaxial Switch. |
| **MS2** | Configuration: Indicates a **SPDT** switch with a specific mounting or housing style. |
| **162** | Electrical Specs: Often denotes the **Coil Voltage** (e.g., 12V or 28V) and current consumption. |
| **R2** | Actuation: Typically refers to **Failsafe** operation with specific connector orientations. |
| **N** | Options: Often indicates "No TTL" (Direct coil control) or specific plating/environmental sealing. |
---
### 3. Key Electronic Characteristics
The "electronic" side of this part involves the **DC Coil** that moves the internal mechanical linkage to bridge the RF path.
* **Coil Voltage:** Usually operates on **28VDC** (standard for aviation/defense), though 12V variants exist.
* **Switching Time:** Extremely fast for a mechanical part, typically under **15ms**.
* **RF Performance:**
* **Insertion Loss:** Very low (typically <0.5 dB).
* **Isolation:** High (typically >60 dB), preventing signal leakage between ports.
* **VSWR:** Low (usually <1.5:1), ensuring minimal signal reflection.
---
### 4. Common Applications
Due to its high reliability and precision, this part is used in:
* **Aerospace & Defense:** Signal routing in radar and communication arrays.
* **Test & Measurement:** Automated test equipment (ATE) for switching between different RF signal sources.
* **Satellite Communications:** Switching between primary and redundant signal paths.
---
### 5. Simple Connection Diagram (Electrical)
```text
[ + VDC ] ----> ( Coil ) ----> [ Ground ]
|
(Mechanical Link)
|
[ RF IN ] <---------+---------> [ RF OUT 1 (Default) ]
\---------> [ RF OUT 2 (Energized) ]
```
- ⤷What is the exact coil voltage for the '162' suffix in this series?
- ⤷ How does a failsafe actuator differ from a latching actuator in RF switches?
- ⤷ What are the power handling capabilities of the M2A series at 18GHz?