công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M2AMS2-161-R2/N

  • AI
    The **M2AMS2-161-R2/N** is a specific technical configuration typically associated with high-precision electronics, often used in **industrial automation, telecommunications, or specialized power supply modules**. While this specific part number often refers to custom assemblies or specific manufacturer series (such as those from companies like *Artesyn* or specialized magnetic component providers), its internal electronic composition follows standardized principles. --- ## 1. Electronic Component Breakdown | Component Type | Function in the Circuit | Key Characteristics | | :--- | :--- | :--- | | **Magnetic Core** | Energy Storage / Inductance | High-permeability ferrite or metal powder to handle high frequencies. | | **Windings** | Conductive Path | Usually high-purity copper wire with insulation to prevent shorting. | | **Terminations** | Connectivity | Refers to the "R2" (often Lead-Free/RoHS compliant) or "N" (Terminal style) suffix. | | **Encapsulation** | Protection | Thermoset plastic or epoxy resin to shield against moisture and vibration. | --- ## 2. Technical Specifications Analysis The alphanumeric code provides insights into its electronic behavior: ### A. Magnetic Configuration * **Inductance Value:** Typically calibrated for high-speed switching. * **Current Rating:** Designed to handle specific Amperage without reaching "Saturation," which is critical for maintaining circuit stability. ### B. Material Composition * **R2 Suffix:** Usually denotes a specific Revision level or compliance with **RoHS 2** standards (Restriction of Hazardous Substances), ensuring the part is lead-free. * **N Suffix:** Often indicates the mounting type (e.g., Narrow footprint) or a specific tolerance grade. --- ## 3. Common Applications These parts are electronic "building blocks" used in: 1. **DC-DC Converters:** Managing voltage transitions in server power supplies. 2. **EMI Filtering:** Suppressing electronic noise in sensitive telecommunication equipment. 3. **Signal Conditioning:** Ensuring clean data transmission in high-speed networking hardware. --- ## 4. Maintenance and Handling ```markdown - **ESD Protection:** Always use an anti-static wrist strap when handling to prevent damage to internal layers. - **Solder Profile:** Follow the Reflow Soldering profile specified by the manufacturer to avoid thermal shock to the ceramic/magnetic core. - **Visual Inspection:** Check for cracks in the ferrite or oxidation on the terminals before installation. ``` ---
    ✨ Follow-up Questions
    • ⤷Who is the primary manufacturer for the M2AMS2 series?
    • ⤷ What are the specific pinout diagrams for the R2/N variant?
    • ⤷ What is the operating temperature range for this component?