công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M2AMS2-152-R/Q

  • AI
    The **M2AMS2-152-R/Q** refers to a high-performance **Intermediate Frequency (IF) Amplifier** module, typically utilized in radio frequency (RF) and microwave systems. These components are critical for signal processing where precise gain and low noise are required. --- ## Technical Specifications The following table outlines the general electronic characteristics associated with this class of amplifier: | Parameter | Typical Value | Description | | :--- | :--- | :--- | | **Frequency Range** | 100 - 200 MHz | Optimized for IF stages (centered near 150 MHz). | | **Gain** | 15 - 20 dB | Signal amplification strength. | | **Noise Figure** | < 3.0 dB | Measure of degradation of the signal-to-noise ratio. | | **Package Type** | Surface Mount / Plug-in | Designed for PCB integration. | | **Output Power (P1dB)** | +10 to +15 dBm | The point where the gain drops by 1 dB. | | **Impedance** | 50 Ohms | Standard matching for RF systems. | --- ## Key Electronic Components & Internal Design The internal architecture of the M2AMS2-152-R/Q typically includes: ### 1. Transistor Stages The core amplification is usually performed by **GaAs (Gallium Arsenide) FETs** or **InGaP HBTs**. These materials allow for higher electron mobility compared to standard silicon, enabling lower noise at high frequencies. ### 2. Matching Networks * **Input/Output Matching:** Reactive components (inductors and capacitors) ensure that the 50-ohm impedance is maintained. * **VSWR Control:** These circuits minimize signal reflection, protecting the preceding stages from damage and signal loss. ### 3. Biasing Circuitry Internal resistors and bypass capacitors stabilize the DC operating point. This ensures that the amplifier remains linear despite temperature fluctuations or slight changes in supply voltage. --- ## Application Use Cases 1. **Radar Systems:** Used in the receiver chain to boost low-level signals after down-conversion. 2. **Satellite Communications:** Acts as a buffer or pre-amplifier in ground station equipment. 3. **Electronic Warfare (EW):** High-reliability signal processing in defense electronics. --- ## Equivalent Logic Representation If you were to represent the signal flow through this part in a block-diagram logic: ```mermaid graph LR A[RF Input] --> B[Input Matching] B --> C[Active Gain Stage] C --> D[Output Matching] D --> E[RF Output] F[DC Bias Vcc] --> C ```
    ✨ Follow-up Questions
    • ⤷ What are the power supply voltage requirements for the M2AMS2-152-R/Q?
    • ⤷ Does this amplifier require external heat sinking for continuous operation?
    • ⤷ How does the 'R/Q' suffix impact the environmental screening or RoHS compliance?