công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M2AMS-D1-R/UL

  • AI
    The **M2AMS-D1-R/UL** is a high-performance, plug-in type analog signal conditioner (isolator) manufactured by **M-System**. It is specifically designed to accept a DC input signal and provide a galvanically isolated, proportional DC output. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Model Series** | Mini-M Series (M2) | | **Input Signal** | 4 to 20 mA DC | | **Output Signal** | 4 to 20 mA DC | | **Power Input** | 24V DC | | **Isolation** | 3-way isolation (input to output to power) | | **Accuracy** | ±0.1% | | **Standards** | UL/cUL recognized, CE marking | --- ### 2. Core Electronic Components & Functions The device functions through several internal stages to ensure signal integrity and safety: #### A. Signal Conditioning Stage The input stage uses high-precision **Operational Amplifiers (Op-Amps)** and low-drift resistors to convert the incoming 4-20mA current into a voltage for processing. This stage handles filtering to remove electromagnetic interference (EMI). #### B. Galvanic Isolation (The "Heart") To achieve the **2000V AC isolation** rating, the device utilizes: * **Optical Couplers or Transformers:** These components bridge the input and output circuits without physical electrical contact. This prevents ground loops and protects sensitive PLC/DCS equipment from high-voltage surges on the field side. #### C. DC/DC Converter Since the device is 24V DC powered, it contains an internal high-frequency **switching regulator**. This component creates independent power rails for the input and output stages, maintaining the "3-way isolation" architecture. #### D. Output Driver The output stage uses a **Current Source Circuit** (typically involving a power transistor or a specialized driver IC) to ensure the 4-20mA signal remains accurate even if the load resistance changes (up to 550 $\Omega$). --- ### 3. Physical & Installation Features * **Plug-in Base:** The electronics are housed in a compact module that plugs into a base socket. This allows for "hot-swapping" or easy replacement without disconnecting field wiring. * **Zero/Span Adjustments:** Located on the front panel, these potentiometers allow for fine-tuning the calibration of the electronic signal. * **LED Indicator:** A green LED typically indicates that the internal power supply is functioning correctly. ### 4. Application Use Case The **M2AMS-D1-R/UL** is primarily used in industrial automation to: 1. **Break Ground Loops:** Eliminating potential differences between field sensors and the control room. 2. **Signal Boosting:** Providing the necessary drive power to send a signal over long distances. 3. **Safety:** Protecting expensive controllers from electrical faults in the field. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum load resistance supported by the output of the M2AMS-D1-R/UL?
    • ⤷ How does 3-way isolation differ from 2-way isolation in signal conditioners?
    • ⤷ What are the specific wiring requirements for the 24V DC power input?