công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M2AMS-D1-R/CE

  • AI
    The **M2AMS-D1-R/CE** is a high-performance, plug-in type analog signal conditioner (isolator) manufactured by **M-System**. It is designed to take an analog input signal and provide a galvanically isolated, proportional DC output signal. ### 1. Key Technical Specifications The model number breakdown identifies the specific electronic characteristics of this unit: | Feature | Specification | Description | | :--- | :--- | :--- | | **Model** | M2AMS | Analog Signal Conditioner (Isolator) | | **Input (D1)** | 4 – 20 mA DC | Standard industrial current loop input | | **Output (R)** | 1 – 5 V DC | Low impedance voltage output | | **Power (CE)** | 100 – 240V AC | Universal AC power supply with CE marking | --- ### 2. Internal Electronic Architecture The device consists of four primary electronic stages that ensure signal integrity and safety: #### A. Input Stage The input circuitry features a precision shunt resistor to convert the 4-20mA current into a voltage. It includes surge protection components to prevent damage from line spikes. #### B. Isolation Barrier (Galvanic Isolation) This is the core functional part. It uses **Optical Isolation** or **Transformer Isolation** to separate the input, output, and power circuits. * **Isolation Strength:** Typically 2000V AC. * **Purpose:** Eliminates ground loops and protects sensitive PLC/DCS control systems from high-voltage transients on the field side. #### C. Signal Conditioning & Conversion The internal electronics utilize operational amplifiers (Op-Amps) to scale the input signal. Since the input is 4-20mA and the output is 1-5V, the electronics maintain a linear 1:1 relationship (e.g., 12mA input results in 3V output). #### D. Power Supply Module The "CE" designation indicates a high-efficiency switching power supply designed to handle a wide range of AC voltages while meeting European electromagnetic compatibility (EMC) standards. --- ### 3. Physical & Connection Layout | Terminal No. | Function | Connection Type | | :--- | :--- | :--- | | **1 & 2** | Output (+) / (-) | To Receiver/Controller (1-5V) | | **4 & 5** | Input (+) / (-) | From Sensor/Transmitter (4-20mA) | | **7 & 8** | Power (L) / (N) | 100-240V AC Mains | --- ### 4. Critical Performance Parameters * **Accuracy:** ±0.1% of span. * **Response Time:** ≤ 0.5 seconds (0 to 90%). * **Temperature Coefficient:** ±0.015% per degree Celsius. * **Construction:** Plug-in base socket for easy maintenance without disconnecting wires.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the M2AMS and a standard M2RS model?
    • ⤷ How do I calibrate the Zero and Span on this specific unit?
    • ⤷ Does this model support HART communication pass-through?