công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M2AMS-CC-R/UL

  • AI
    The **M2AMS-CC-R/UL** is a high-performance, precision electronic transducer typically used for measuring alternating current (AC). It is part of a specialized series often utilized in industrial automation, power monitoring, and control systems. --- ### 1. Component Overview The device is an **AC Current Transducer** designed to convert an input AC signal into a standard DC output signal (such as 4-20mA or 0-10V) that can be easily read by a PLC (Programmable Logic Controller) or a digital display. ### 2. Key Specifications | Feature | Details | |:---|:---| | **Primary Function** | AC Current to DC Output Signal Conversion | | **Input Type** | Sinusoidal AC Current | | **Isolation** | High galvanic isolation between input and output | | **Mounting** | Typically DIN-rail mountable for industrial cabinets | | **Safety Standard** | **UL** (Underwriters Laboratories) recognized for safety compliance | | **RoHS Compliance** | **R** designation usually indicates RoHS (Restriction of Hazardous Substances) compliance | --- ### 3. Electronic Architecture The internal circuitry of the M2AMS series generally consists of four main stages: 1. **Input Sensing Stage:** Uses a precision current transformer or a shunt resistor to safely sample the high-voltage AC line. 2. **Signal Conditioning:** Employs operational amplifiers (Op-Amps) to filter noise and scale the AC waveform. 3. **RMS-to-DC Converter:** Converts the oscillating AC signal into a steady DC voltage proportional to the Root Mean Square (RMS) value of the input. 4. **Output Buffer:** A current-loop driver (often 4-20mA) or voltage driver that ensures the signal can travel over long cables without significant loss or interference. ### 4. Typical Applications * **Motor Load Monitoring:** Tracking the health of industrial motors by measuring current draw. * **Power Management:** Integrating energy usage data into SCADA systems. * **Safety Interlocks:** Detecting over-current conditions to trigger emergency shutdowns. --- ### 5. Wiring Configuration While specific pinouts depend on the exact model revision, the standard connection logic is as follows: ```text [ AC Source ] ----> ( Terminals 1 & 2: AC Input ) ( Terminals 3 & 4: Auxiliary Power ) [ PLC / Meter ] <---- ( Terminals 5 & 6: DC Output Signal ) ```
    ✨ Follow-up Questions
    • ⤷ What is the specific input current range for the M2AMS-CC-R/UL?
    • ⤷ Does this model support True RMS measurement for non-sinusoidal waves?
    • ⤷ What is the standard auxiliary power voltage required for this unit?