công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M2AMS-B1-R/Q

  • AI
    Based on the part number provided, this appears to be a specific configuration of a **Signal Conditioner or Transmitter** (likely from the **M-System** / MG CO., LTD series). These devices are used in industrial automation to convert signal levels (e.g., millivolts to 4-20mA). Below is the breakdown of the electronic specifications and characteristics associated with the **M2AMS** series. --- ### 1. Product Identification | Feature | Description | | :--- | :--- | | **Model Series** | M2AMS (Mini-M Series) | | **Component Type** | AC Current Transmitter / Signal Conditioner | | **Function** | Converts an AC current input into a proportional DC output signal | | **Mounting** | Plug-in base / DIN rail mounting | ### 2. Electronic Specifications (Suffix Breakdown) The suffixes (B1-R/Q) define the electronic behavior and environmental compliance: * **B1 (Input Signal):** Typically denotes a specific AC current range (e.g., 0–1A AC or 0–5A AC). * **R (Power Input):** Standard DC power requirement, usually **24V DC**. * **Q (Option):** Often indicates a specific certification or internal coating (e.g., conformal coating for moisture resistance). ### 3. Key Technical Components The internal circuitry of this part consists of several critical stages: 1. **Input Transformer:** Provides galvanic isolation and steps down the high AC current to a level manageable by the internal PCB. 2. **Rectification & RMS Circuit:** Converts the AC waveform into a stable DC voltage. Some versions provide "Mean Value Analysis," while others provide "True RMS" conversion. 3. **Isolation Barrier:** Uses an optoisolator or transformer to ensure three-way isolation (Input vs. Output vs. Power). This prevents ground loops and protects PLCs/Controllers. 4. **Zero/Span Adjustment:** Potentiometers located on the front of the unit allow for fine-tuning the calibration of the electronic output. ### 4. Application Parameters | Parameter | Typical Value | | :--- | :--- | | **Accuracy** | ±0.3% to ±0.5% of span | | **Response Time** | ≤ 0.5 seconds (0 to 90%) | | **Insulation Resistance** | 100 MΩ or more (500V DC) | | **Dielectric Strength** | 2000V AC @ 1 minute | --- ### Summary of Usage This electronic part is used as a bridge between high-power electrical equipment (like a motor or a heater) and a control system (PLC). It ensures that the control system reads a safe, low-voltage DC signal that accurately reflects the heavy AC current flowing through the industrial equipment.
    ✨ Follow-up Questions
    • ⤷ What is the exact input/output signal range for the B1 configuration?
    • ⤷ Does the 'Q' suffix imply specific safety certifications like UL or CE?
    • ⤷ How do I wire the 24V DC power to the M2AMS base?