công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M2AMS-AA-R/Q

  • AI
    The **M2AMS-AA-R/Q** is a specific part number typically associated with **pressure transmitters** or **pressure sensors**, often used in industrial automation and process control systems. Below is a breakdown of the electronic and technical components associated with this type of device. --- ### 1. Component Overview This device is an electronic pressure sensor designed to convert physical pressure into a standardized electrical signal for a PLC (Programmable Logic Controller) or DCS (Distributed Control System). | Feature | Specification | | :--- | :--- | | **Device Type** | Pressure Transmitter / Transducer | | **Signal Output** | Typically 4-20mA or 0-10V (Model dependent) | | **Power Supply** | 24V DC (Standard industrial range) | | **Accuracy** | Usually ±0.25% to ±0.5% of Full Scale | | **Housing Material** | Stainless Steel (commonly 316L) | --- ### 2. Electronic Parts Breakdown The internal architecture of the M2AMS-AA-R/Q consists of four primary stages: #### A. Sensing Element (The Transducer) This is the "heart" of the device. It usually employs one of two technologies: * **Piezoresistive:** A silicon chip that changes electrical resistance when deformed by pressure. * **Capacitive:** Two plates where the distance changes based on pressure, altering the capacitance. #### B. Signal Conditioning Circuitry The raw signal from the sensing element is extremely weak (millivolts). The electronic board inside performs: * **Amplification:** Boosting the signal to a usable level. * **Temperature Compensation:** Correcting errors caused by changes in ambient or process temperature using a thermistor. * **Linearization:** Ensuring the electrical output is perfectly proportional to the input pressure. #### C. Output Module (Transmitter) This part of the circuit converts the processed signal into the industrial standard. The "AA" in the part number often signifies the specific output configuration (e.g., a 2-wire 4-20mA current loop). #### D. Electrical Interface * **R/Q Suffix:** These often refer to specific connector types (like M12 circular connectors) or specific certification grades (like ATEX for explosive environments or UL/CE compliance). --- ### 3. Comparison of Signal Types Depending on the specific sub-model of the M2AMS series, the electronics may output different formats: | Output Type | Best For | Wiring | | :--- | :--- | :--- | | **4-20mA** | Long distances, high noise immunity | 2-Wire | | **0-10V DC** | Short distances, easy troubleshooting | 3-Wire | | **Digital (HART)** | Remote diagnostics and calibration | Superimposed on 4-20mA | --- ### 4. Typical Applications * **HVAC Systems:** Monitoring refrigerant or water pressure. * **Hydraulics:** Measuring oil pressure in heavy machinery. * **Pneumatics:** Controlling compressed air lines. * **Water Treatment:** Monitoring pump discharge pressure.
    ✨ Follow-up Questions
    • ⤷ What is the exact pressure range supported by the 'AA' configuration?
    • ⤷ Does this model require a specific M12 or DIN connector for the electrical interface?
    • ⤷ Is the M2AMS-AA-R/Q rated for hazardous (Ex) environments?