công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M2AMS-A4-R/UL

  • AI
    The **M2AMS-A4-R/UL** is a specific model within a series of industrial control components, typically associated with **Control Switches** or **Pilot Devices** (often manufactured by brands like Altech or similar industrial suppliers). This specific part number refers to a **22mm Selector Switch**. Below is a breakdown of its electronic and mechanical characteristics. --- ### 1. Component Specifications The following table outlines the technical parameters for the M2AMS-A4-R/UL: | Feature | Specification | | :--- | :--- | | **Mounting Diameter** | 22.5 mm | | **Operator Type** | Selector Switch (Maintained) | | **Number of Positions** | 2 Positions | | **Actuation Angle** | 90° | | **Contact Configuration** | Typically 1 NO (Normally Open) + 1 NC (Normally Closed) * | | **Illumination** | Non-Illuminated | | **Color** | Black (Standard Industrial) | | **Certifications** | UL Recognized, CE, CSA | *\*Note: Contact blocks are often modular and can be customized depending on the specific assembly.* --- ### 2. Electronic & Material Composition To understand the "electronic parts" of this assembly, it is best to view it as a modular system consisting of three main layers: #### A. The Operator (Head) * **Material:** Chrome-plated metal or high-impact plastic bezel. * **Function:** This is the interface the user turns. It translates physical rotation into a linear movement that depresses the plunger on the contact block. #### B. The Mounting Bracket (Fixing Holder) * **Material:** Die-cast metal or reinforced polymer. * **Function:** Ensures the switch stays rigid against the control panel. It often includes a grounding screw for safety in metal enclosures. #### C. The Contact Block (The Electrical Interface) This is where the actual circuit switching occurs. * **Contacts:** Made of Silver (Ag) or Silver-Nickel alloy to minimize electrical resistance and prevent oxidation. * **Voltage/Current Rating:** * **AC-15 (Inductive):** 120V/6A, 240V/3A. * **DC-13:** 125V/0.55A. * **Terminals:** Screw-type terminals with "self-lifting" washers to secure the wiring. --- ### 3. Applications The M2AMS-A4-R/UL is designed for heavy-duty industrial environments. Common use cases include: * **Mode Selection:** Switching a machine between "Manual" and "Auto" modes. * **Power Isolation:** Serving as a low-voltage control disconnect. * **Safety Interlocks:** Ensuring a circuit remains closed/open until a deliberate manual turn is performed. --- ### 4. Mounting Diagram Logic ```mermaid graph LR A[Operator Knob] --> B[Mounting Nut] B --> C[Panel Wall] C --> D[Contact Block 1 - NO] C --> E[Contact Block 2 - NC] ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum voltage rating for the contact blocks used in this switch?
    • ⤷ Can this switch be upgraded to an illuminated version using the same base?
    • ⤷ What is the IP rating for the M2AMS series regarding water and dust protection?