công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M2AMS-A3-R2/N

  • AI
    The **M2AMS-A3-R2/N** is a specific electronic component, typically part of a modular sensor or signal conditioning system (often associated with industrial automation brands like Autonics or similar manufacturers). Based on the nomenclature, this is generally a **Multi-range Analog Meter** or **Signal Converter**. --- ## 1. Technical Specifications Breakdown The alphanumeric code represents specific hardware features: | Part Segment | Description | Typical Function | | :--- | :--- | :--- | | **M2AMS** | Series Name | Modular Analog Multi-Meter / Signal Conditioner | | **A3** | Input Type | Typically designates AC Voltage/Current or specific scale ranges | | **R2** | Output Type | Relay Output 2 (dual setpoints for alarms/control) | | **N** | Power Supply | Usually indicates 100-240VAC or 24VDC (Standard non-isolated or specific range) | --- ## 2. Key Electronic Components Inside this module, the electronic architecture is designed for precision measurement and industrial protection: ### A. Signal Conditioning Input * **Precision Shunt Resistors:** Used to convert current inputs into measurable voltage. * **Operational Amplifiers (Op-Amps):** High-impedance amplifiers that scale the input signal without loading the source. * **A/D Converter:** A 12-bit to 16-bit Analog-to-Digital converter that translates the physical voltage into digital data for the microprocessor. ### B. Processing & Display * **Microcontroller (MCU):** The brain of the unit that handles linear scaling, digital filtering (to remove electrical noise), and logic for the relay outputs. * **LED/LCD Driver:** Circuits that power the front-facing display to show real-time values. ### C. Output & Control * **Electromechanical Relays (R2):** Two physical switches capable of handling 250VAC/3A. These are used for "Hi" or "Low" alarm triggers. * **Optoisolators:** These components separate the sensitive logic circuitry from the high-voltage input/output terminals to prevent surges from destroying the device. ### D. Power Supply Unit (PSU) * **Switching Mode Power Supply (SMPS):** Regulates the incoming AC or DC power into stable 5V or 3.3V rails for the internal electronics. --- ## 3. Typical Wiring Configuration | Terminal Number | Function | | :--- | :--- | | **1 - 2** | Power Supply Input (Source) | | **3 - 4** | Analog Input (+ / -) | | **5 - 6** | Relay 1 Output (Common / NO) | | **7 - 8** | Relay 2 Output (Common / NO) | --- ## 4. Application Environments * **Panel Building:** Monitoring motor current or line voltage. * **Process Control:** Converting a sensor signal into a relay-driven alarm. * **Data Acquisition:** Sending a scaled signal to a PLC or SCADA system.
    ✨ Follow-up Questions
    • ⤷What is the specific input voltage range for the A3 variant?
    • ⤷ How do I calibrate the zero and span settings on this model?
    • ⤷ What is the difference between the R2 and R1 output configurations?