công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M2AMS-A1A-R2

  • AI
    The **M2AMS-A1A-R2** is a specific industrial control component, typically identified as a **Potentiometer Transmitter** (or Signal Conditioner) within the M2-Series manufactured by companies like **M-System**. These devices are designed to measure the position of a potentiometer (slidewire) and convert that resistance into a standard analog signal (like 4-20mA or 0-10V) for PLC or DCS input. --- ### 1. Technical Specifications Table The model number "M2AMS-A1A-R2" breaks down into specific electronic parameters: | Component Code | Parameter | Description | | :--- | :--- | :--- | | **M2AMS** | Model Series | Potentiometer Transmitter (M2-Series) | | **A** | Input | Potentiometer (Total resistance 100 $\Omega$ to 10 k$\Omega$) | | **1** | Output | 4 – 20 mA DC (Load resistance 750 $\Omega$ max) | | **A** | Power Input | 100 – 240V AC | | **R2** | Reference/Version | Specific hardware revision or mounting style | --- ### 2. Key Electronic Features #### A. Signal Isolation One of the primary electronic functions of this part is **Three-Way Isolation**. It electronically separates the: 1. **Input** (The potentiometer sensor) 2. **Output** (The PLC/Controller) 3. **Power Supply** This prevents ground loops and protects sensitive control equipment from electrical surges in the field. #### B. Input Circuitry The device applies a constant voltage across the external potentiometer. The "wiper" position creates a voltage divider, which the internal ADC (Analog-to-Digital Converter) processes. * **Excitation Voltage:** Usually around 0.5V DC to minimize self-heating of the sensor. * **Burnout Protection:** Includes circuitry to detect if the potentiometer wire breaks, forcing the output to a safe state (Upscale or Downscale). #### C. Output Calibration The unit features front-facing potentiometers (trimmers) for: * **Zero Adjustment:** Fine-tuning the 4mA point. * **Span Adjustment:** Fine-tuning the 20mA point. --- ### 3. Application Diagram (Internal Logic) The electronic flow follows this path: ```mermaid graph LR A[Potentiometer Input] --> B[Input Amp / Isolation] B --> C[Signal Linearization] C --> D[V/I Conversion] D --> E[4-20mA Output] F[100-240V AC Power] --> G[Power Isolation] G --> B G --> D ``` --- ### 4. Summary of Use This part is essentially a **bridge** between mechanical position sensing (valves, dampers, or float levels) and electronic monitoring systems. It ensures the signal is clean, linear, and high-powered enough to travel long distances without interference.
    ✨ Follow-up Questions
    • ⤷ How do you calibrate the Zero and Span on the M2AMS-A1A-R2?
    • ⤷ What are the wiring diagrams for the 3-wire potentiometer input?
    • ⤷ Can this unit be used with a 24V DC power supply instead of 100-240V AC?