M2AMS-A13-R/N
AI

Based on the technical nomenclature, the **M2AMS-A13-R/N** refers to a high-performance **Brushless DC (BLDC) Motor and Driver assembly**, typically used in precision automation and robotics. This specific model is part of a modular system where the motor and driver are paired for optimal performance.
### 1. General Specifications
The parts are designed for low-voltage industrial applications, emphasizing high torque density and precise speed control.
| Feature | Specification |
| :--- | :--- |
| **Motor Type** | Brushless DC (BLDC) |
| **Output Power** | 130W (Approximate based on "13" series) |
| **Voltage Input** | 24V DC to 48V DC |
| **Shaft Type** | Round Shaft (R) / Keyway (N) |
| **Feedback System** | Hall Effect Sensors / Incremental Encoder |
---
### 2. Key Electronic Components
The system consists of two primary electronic blocks: the **Stator/Rotor Assembly** and the **Control Electronics**.
#### A. The Driver Circuitry (Integrated or External)
* **Power MOSFETs:** High-frequency switching transistors (H-Bridge configuration) that manage the current flow to the motor phases.
* **Microcontroller (MCU):** The "brain" that processes speed commands (Analog 0-5V or PWM) and calculates commutation timing.
* **Current Sensing Resistors:** Low-resistance shunts used to monitor torque and protect the motor from over-current scenarios.
#### B. Feedback Electronics
* **Hall Effect Sensors:** Three sensors placed at 120-degree intervals to detect the rotor's magnetic position for commutation.
* **Protection Circuits:** Built-in safeguards for:
* Overvoltage / Undervoltage.
* Overload (Thermal protection).
* Phase-to-phase short circuit.
---
### 3. Connection Interface
The "A13-R/N" variant typically features a standardized pinout for industrial integration:
1. **Power Leads:** Thick gauge wires for DC Input (V+) and Ground (GND).
2. **Phase Wires:** (U, V, W) outputs to the motor windings.
3. **Signal Connector:**
* **Speed Control:** 0-10V or Pulse Width Modulation (PWM).
* **Direction (FWD/REV):** Logic level toggle.
* **Brake/Stop:** Electronic braking input.
---
### 4. Technical Summary Table
| Part Component | Function | Material/Technology |
| :--- | :--- | :--- |
| **Permanent Magnets** | Rotor energy | Neodymium (NdFeB) |
| **Windings** | Stator EMF generation | High-temp Copper wire |
| **Bearings** | Mechanical rotation | Shielded Ball Bearings |
| **Housing** | Heat dissipation | Anodized Aluminum |
---
- ⤷
What is the maximum RPM for the M2AMS-A13-R/N motor?
- ⤷ Does this model require an external controller or is it integrated?
- ⤷ What are the mounting dimensions for this specific frame size?