M2AMS-4A-R2/N
AI

The **M2AMS-4A-R2/N** is a specific model of an **Ultra-Slim Signal Conditioner** (specifically a power transducer/isolator) manufactured by **M-System**. It is designed to convert AC current or voltage signals into standard DC process signals while maintaining high galvanic isolation.
---
## 1. Technical Specifications
Below are the primary electrical characteristics for this specific configuration:
| Feature | Specification |
| :--- | :--- |
| **Model Series** | M2AMS (Ultra-Slim Signal Conditioner) |
| **Input Signal** | 4 to 20 mA DC (Current Loop) |
| **Output Signal** | 4 to 20 mA DC |
| **Power Input** | 100 – 240V AC (indicated by suffix -R2) |
| **Option** | /N (Standard compliance/No specific custom options) |
| **Isolation** | 3-way isolation (Input, Output, Power) |
| **Mounting** | DIN Rail Mounting |
---
## 2. Key Electronic Components & Design
The device is built using industrial-grade surface-mount technology (SMT) to achieve its ultra-slim profile (usually around 5.9mm to 12.5mm depending on the housing).
### A. Galvanic Isolation
* **Optoisolators/Transformers:** The "R2" designation implies a power supply capable of high-voltage AC input. Internally, it uses high-speed optocouplers or magnetic isolation to separate the field-side input from the PLC-side output.
* **Purpose:** Prevents ground loops and protects sensitive control equipment from high-voltage surges.
### B. Signal Conditioning Circuitry
* **A/D and D/A Conversion:** Modern M2AMS units use high-precision Analog-to-Digital converters to process the input signal and Digital-to-Analog converters to reconstruct the output signal with high linearity.
* **Precision Resistors:** High-stability, low-temperature-coefficient resistors are used to ensure the 4-20mA loop remains accurate despite environmental temperature changes.
### C. Power Supply Section
* **Switching Regulator:** The "R2" variant includes an internal AC/DC switching power supply. It converts the 100-240V AC mains down to the low-voltage DC required for the internal op-amps and processors.
---
## 3. Terminal Connection Diagram
The device typically utilizes a tension clamp or screw terminal system.
```text
[ Power Supply ] [ Input ] [ Output ]
L(+) N(-) + - + -
(1) (2) (3) (4) (5) (6)
```
---
## 4. Operational Summary
The **M2AMS-4A-R2/N** acts as a "buffer" in an industrial control loop.
1. It receives a **4-20mA** signal from a field sensor.
2. It electrically isolates that signal to eliminate noise.
3. It re-transmits an identical **4-20mA** signal to a PLC or DCS.
4. It is powered by standard wall/panel power (**100-240V AC**).
- ⤷
What is the maximum load resistance supported by the 4-20mA output?
- ⤷ How does the /N suffix affect the standard warranty or certification?
- ⤷ What is the dielectric strength between the input and output terminals?