công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M2AMS-4A-R/CE

  • AI
    The **M2AMS-4A-R/CE** is a high-performance, compact analog signal conditioner (isolator) from the **M2 Series** manufactured by **M-System** (now part of MG CO., LTD). It is designed to convert an input signal into an isolated standard process signal. Below is a detailed breakdown of its electronic specifications and parts. ### 1. Model Code Breakdown Understanding the specific nomenclature of this model: | Code Segment | Meaning | Specification | | :--- | :--- | :--- | | **M2AMS** | Model Name | Signal Conditioner (Isolator) | | **4** | Input | 4 – 20 mA DC | | **A** | Output | 4 – 20 mA DC | | **R** | Power Input | 24V DC | | **CE** | Certification | CE marking compliant | --- ### 2. Core Electronic Specifications The internal circuitry is designed for high-precision signal reproduction and galvanic isolation. * **Input Impedance:** 250 $\Omega$ (standard for 4-20mA current loops). * **Output Load Resistance:** Up to 550 $\Omega$. * **Accuracy:** $\pm$0.1% of span. * **Response Time:** $\le$ 0.5 seconds (0 to 90%). * **Isolation Structure:** 3-way isolation (Input to Output to Power). * **Isolation Resistance:** 100 M$\Omega$ minimum at 500V DC. * **Dielectric Strength:** 2000V AC @ 1 minute (Input to Output to Power to Ground). --- ### 3. Internal Components and Construction The device consists of several key electronic blocks: #### A. Input Stage Includes a precision shunt resistor to convert the 4-20mA current into a voltage. It often features protection diodes to prevent damage from accidental reverse polarity. #### B. Isolation Barrier This is the heart of the "R" (DC powered) series. It uses an **optical isolator (Photo-coupler)** or a **transformer-based magnetic coupling** to transfer the signal across the barrier without physical electrical contact. This prevents ground loops and protects sensitive PLC/DCS inputs from high-voltage surges. #### C. Power Supply Unit (PSU) Since this is the "R" model (24V DC), it contains a DC-to-DC converter circuit. This internal converter generates the necessary internal voltages to drive the input and output stages independently. #### D. Output Stage A current-driving circuit that recreates the 4-20mA signal. It is designed to be highly linear and stable against temperature fluctuations (Temperature coefficient: $\pm$0.015%/°C). --- ### 4. Connection Diagram (Reference) The M2AMS-4A-R uses a plug-in base (typically an 8-pin or 11-pin socket). | Terminal No. | Function | | :--- | :--- | | **1** | Output (+) | | **2** | Output (-) | | **4** | Input (+) | | **5** | Input (-) | | **7** | Power (U +) | | **8** | Power (V -) | --- ### 5. Installation Features * **Mounting:** DIN rail mounting via a plug-in base. * **Housing Material:** Flame-resistant resin (Black). * **Adjustments:** Front-accessible Zero and Span adjustments (potentiometers) for fine-tuning the calibration.
    ✨ Follow-up Questions
    • ⤷ What is the maximum allowable voltage surge for the M2AMS-4A-R/CE?
    • ⤷ How do I perform a calibration check on the Zero and Span pots?
    • ⤷ Can this model be used with an active or passive input source?