công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M2AMS-41-R/N

  • AI
    The **M2AMS-41-R/N** is a specific model within a series of industrial **Electromagnetic Safety Interlock Switches** (often associated with the M26 or M2 series by manufacturers like Fortress Interlocks or similar industrial safety brands). These devices are used to ensure machine guards are locked until hazardous processes have stopped. --- ### 1. Technical Specifications Breakdown | Feature | Specification | Description | | :--- | :--- | :--- | | **Switch Type** | Solenoid Locking | Uses an internal coil to lock/unlock the actuator. | | **Material** | Heavy Duty Alloy/Stainless | Designed for high mechanical durability. | | **Supply Voltage** | 24V AC/DC (Standard) | Common control circuit voltage. | | **Contacts** | 2NC / 1NO | Safety circuits (Normally Closed) and monitoring (Normally Open). | | **Locking Force** | 1000N - 2000N | High retention force to prevent forced entry. | | **IP Rating** | IP67 | Dust-tight and protected against water immersion. | --- ### 2. Core Electronic Components The "Electronic Parts" of this assembly can be categorized into three main functional groups: #### A. The Solenoid Assembly This is the heart of the locking mechanism. * **The Coil:** When energized, it creates a magnetic field to move a plunger. * **Operating Principle:** In the "Power-to-Unlock" (Standard) version, the unit remains mechanically locked even if power fails, requiring an electrical signal to retract the bolt. #### B. Contact Blocks (Switching Elements) These are the internal electrical terminals that interface with the Safety PLC or Control System: * **Safety Contacts (NC):** These are "Positively Driven" contacts. If the guard is open, the circuit is physically forced open to ensure the machine cannot run. * **Auxiliary Contacts (NO):** Used for status signaling (e.g., sending a signal to an HMI to show "Door Locked" or "Door Open"). #### C. Connectivity and Protection * **Termination:** Usually involves screw terminals or an M12 quick-disconnect connector. * **Internal Diode/Varistor:** Many models include a surge suppressor to protect the control system from "Back-EMF" generated when the solenoid coil is de-energized. --- ### 3. Wiring Logic (Typical) In a standard safety integration, the wiring follows this logic: ```yaml Terminal 1-2: Solenoid Power (24V) -> Triggers Lock/Unlock Terminal 3-4: Safety Circuit 1 (NC) -> Connected to Safety Relay Terminal 5-6: Safety Circuit 2 (NC) -> Redundancy for Category 4 Safety Terminal 7-8: Monitoring (NO) -> Input to PLC for status ``` --- ### 4. Key Part Number Indicators * **M2:** Refers to the modular head or body series. * **AMS:** Often refers to "Actuator Manual Supercede" or specific mounting styles. * **41:** Refers to the contact configuration (e.g., 4NC/1NO). * **R/N:** Typically denotes the handing (Right/Left) or specific Finish/Release options (Manual Override).
    ✨ Follow-up Questions
    • ⤷ What is the difference between 'Power-to-Lock' and 'Power-to-Unlock' for this model?
    • ⤷ How do I wire the M2AMS series to a dual-channel safety relay?
    • ⤷ What are the common failure modes for solenoid interlock switches?